Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976CGEFL/RV Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 96Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 98Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 99Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 100Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
97
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
… (time doubles with every step)
1010 or
higher
106ms
852ms
6.13s
0010
ALC attack (gain ramp-down) time
(ALCMODE == 1)
Per step
Per 6dB
90% of
range
0000
22.7us
182us
1.31ms
0001
45.4us
363us
2.62ms
0010
90.8us
726us
5.23ms
… (time doubles with every step)
1010
23.2ms
186ms
1.34s
35 (23h)
8:4
00000
Reserved
3
NGEN
0
ALC Noise gate function enable
1 = enable
0 = disable
Input Limiter/
Automatic
Level Control
(ALC)
2:0
NGTH
000
ALC Noise gate threshold:
000=-39dB
001=-45dB
010=-51db
… (6dB steps)
111=-81dB
Input Limiter/
Automatic
Level Control
(ALC)
36 (24h)
8:5
0000
Reserved
4
PLL
PRESCALE
0
0 = MCLK input not divided (default)
1 = Divide MCLK by 2 before input to PLL
Master Clock
and Phase
Locked Loop
(PLL)
3:0
PLLN[3:0]
1000
Integer (N) part of PLL input/output frequency ratio.
Use values greater than 5 and less than 13.
Master Clock
and Phase
Locked Loop
(PLL)
37 (25h)
8:6
000
Reserved
5:0
PLLK[23:18]
01100
Fractional (K) part of PLL1 input/output frequency
ratio (treat as one 24-digit binary number).
Master Clock
and Phase
Locked Loop
(PLL)
38 (26h)
8:0
PLLK[17:9]
01001001
1
Fractional (K) part of PLL1 input/output frequency
ratio (treat as one 24-digit binary number).
Master Clock
and Phase
Locked Loop
(PLL)
39 (27h)
8:0
PLLK[8:0]
01110100
1
Fractional (K) part of PLL1 input/output frequency
ratio (treat as one 24-digit binary number).
Master Clock
and Phase
Locked Loop
(PLL)
40 (28h)
8:0
00000000
0
Reserved
41 (29h)
8:4
00000
Reserved
3:0
DEPTH3D
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
3D Stereo
Enhancement
43 (2Bh)
8:6
000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com