Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976CGEFL/RV Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
47
Figure 26 DAC Digital Limiter Operation
The limiter has a programmable upper threshold which is close to 0dB. Referring to Figure 26, in
normal operation (LIMBOOST=000 => limit only) signals below this threshold are unaffected by the
limiter. Signals above the upper threshold are attenuated at a specific attack rate (set by the LIMATK
register bits) until the signal falls below the threshold. The limiter also has a lower threshold 1dB
below the upper threshold. When the signal falls below the lower threshold the signal is amplified at a
specific decay rate (controlled by LIMDCY register bits) until a gain of 0dB is reached. Both threshold
levels are controlled by the LIMLVL register bits. The upper threshold is 0.5dB above the value
programmed by LIMLVL and the lower threshold is 0.5dB below the LIMLVL value.
VOLUME BOOST
The limiter has programmable upper gain which boosts signals below the threshold to compress the
dynamic range of the signal and increase its perceived loudness. This operates as an ALC function
with limited boost capability. The volume boost is from 0dB to +12dB in 1dB steps, controlled by the
LIMBOOST register bits.
The output limiter volume boost can also be used as a stand alone digital gain boost when the limiter
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com