Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8983GEFL/V Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
78
ENABLING THE OUTPUTS
Each analogue output of the WM8983 can be independently enabled or disabled. The analogue
mixer associated with each output has a separate enable bit. All outputs are disabled by default. To
save power, unused parts of the WM8983 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “Power Management” and “Applications
Information” sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
Management
1
2
BUFIOEN
0
Unused input/output bias buffer enable
6
OUT3MIXEN
0
OUT3 mixer enable
7
OUT4MIXEN
0
OUT4 mixer enable
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
R2
Power
Management
2
8
ROUT1EN
0
ROUT1 output enable
7
LOUT1EN
0
LOUT1 output enable
6
SLEEP
0
0 = Normal device operation
1 = Supply current reduced in device
standby mode if clocks are still running
R3
Power
Management
3
2
LMIXEN
0
Left mixer enable
3
RMIXEN
0
Right mixer enable
5
ROUT2EN
0
ROUT2 output enable
6
LOUT2EN
0
LOUT2 output enable
7
OUT3EN
0
OUT3 enable
8
OUT4EN
0
OUT4 enable
R42
Output ctrl1
1
DELEN
0
2
nd enable bit for L/ROUT1
0
OUT1DEL
0
2 stage enable for L/ROUT1
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 51 Output Stages Power Management Control
OUT1DEL and OUT2DEL enable lower pop noise power-up option. See start–up sequences. (in 2
stage enable method, normal enable bit is set, followed shortly later by the delayed enable DELEN)
THERMAL SHUTDOWN
To protect the WM8983 from overheating a thermal shutdown circuit is included. If the device
temperature reaches approximately 125
0C and the thermal shutdown circuit is enabled (TSDEN=1)
the L/ROUT2 amplifiers will be disabled. The thermal shutdown may also be configured to generate
an interrupt. See the GPIO and Interrupt Controller section for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output Control
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 52 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com