Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8983GEFL/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
15
Audio Precision
08/29/06 12:58:55
W M8983 THD+N vs. Output Power -- Boost enabled; SPKVDD=4.2V
WM8983_DAC_SPK_THD+N_vs _Power_8ohm _Boos t_SPKVDD=4.2V.at27
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Com m ent
1
1
Cyan
Solid
1
Anlr.THD+N Am pl
Left
3.6V
4
1
Red
Solid
1
Anlr.THD+N Am pl
Left
3.3V
7
1
Green
Solid
1
Anlr.THD+N Am pl
Left
3V
10
1
Blue
Solid
1
Anlr.THD+N Am pl
Left
2.7V
Sys tem AP2
Board Revis ion: 2.0
Device Date Code: 67AALNA
Input Path: SPDIF_IN
Input Signal: 997Hz; Sweep 100%FS -> 0%FS; 24-bit; 256fs (fs =48kHz)
Output Path: R/LOUT2; LOUT2VOL=ROUT2VOL=+6dB; 8ohm BTL
Output Reference: +4.428dBrA
Supplies : External - AVDD=DBVDD=DCVDD=See Com m ent; SPKVDD=4.2V
BW filter : 22Hz - 22kHz
Additional Filtering: None
Dither: None
RMS or Averaging: Averaging
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
d
B
r
A
0
.9
100m
200m
300m
400m
500m
600m
700m
800m
W
T
T
T
T
T
T
Figure 3 Speaker THD+N vs Output Power (Boost Mode: SPKVDD=4.2V; SPKBOOST=1; AVDD Range =3.6-2.7V)
Audio Precision
08/29/06 12:48:45
W M8983 THD+N vs. Output Power -- Boost enabled; SPKVDD=5V
WM8983_DAC_SPK_THD+N_vs _Power_8ohm _Boos t_SPKVDD=5V.at27
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Com m ent
1
1
Cyan
Solid
1
Anlr.THD+N Am pl
Left
3.6V
4
1
Red
Solid
1
Anlr.THD+N Am pl
Left
3.3V
7
1
Green
Solid
1
Anlr.THD+N Am pl
Left
3V
10
1
Blue
Solid
1
Anlr.THD+N Am pl
Left
2.7V
Sys tem AP2
Board Revis ion: 2.0
Device Date Code: 67AALNA
Input Path: SPDIF_IN
Input Signal: 997Hz; Sweep 100%FS -> 0%FS; 24-bit; 256fs (fs =48kHz)
Output Path: R/LOUT2; LOUT2VOL=ROUT2VOL=+6dB; 8ohm BTL
Output Reference: +4.428dBrA
Supplies : External - AVDD=DBVDD=DCVDD=See Com m ent; SPKVDD=5V
BW filter : 22Hz - 22kHz
Additional Filtering: None
Dither: None
RMS or Averaging: Averaging
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
0
1.2
100m
200m
300m
400m
500m
600m
700m
800m
.9
1
1.1
W
T
T
T
T
T
T
T
T
Figure 4 Speaker THD+N vs Output Power (Boost Mode: SPKVDD=5V; SPKBOOST=1; AVDD Range =3.6-2.7V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com