Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 142Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 143Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 144Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 145Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 146Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 147Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 148Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 149Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
146
29 REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Reset ID
15:0
CHIP_ID [15:0] 0000_0000
_0000_000
0
Writing to this register causes a Software Reset. The
register map contents may be reset, depending on
SW_RESET_CFG.
Reading from this register will indicate Chip ID.
Register 00h Reset ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Revision
15:8
PARENT_REV
[7:0]
0000_0000 The revision number of the parent die
7:0
CHILD_REV
[7:0]
0000_0000 The revision number of the child die (when present)
Register 01h Revision
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16384
(4000h)
Parent ID
15:0
PARENT_ID
[15:0]
0110_0010
_0100_011
0
The ID of the parent die
Register 4000h Parent ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16385
(4001h)
PVDD
Control
15:14
SYSLO_ERR_
ACT [1:0]
00
SYSLO Error Action
Selects the action taken when SYSLO is asserted
00 = Interrupt
01 = WAKE transition
10 = Reserved
11 = OFF transition
11
SYSLO_STS
0
SYSLO Status
0 = Normal
1 = PVDD is below SYSLO threshold
6:4
SYSLO_THR
[2:0]
010
SYSLO threshold (falling PVDD)
This is the falling PVDD voltage at which SYSLO will be
asserted
000 = 2.8V
001 = 2.9V
…
111 = 3.5V
2:0
SYSOK_THR
[2:0]
101
SYSOK threshold (rising PVDD)
This is the rising PVDD voltage at which SYSOK will be
asserted
000 = 2.8V
001 = 2.9V
…
111 = 3.5V
Note that the SYSOK hysteresis margin is added to
these threshold levels.
Register 4001h PVDD Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com