Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 145Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 146Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 147Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 148Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 149Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 150Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 151Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 152Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
149
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Protected by security key.
3
ON_PIN_STS
0
Current status of ON pin
0 = Asserted (logic 0)
1 = Not asserted (logic 1)
1:0
ON_PIN_TO
[1:0]
00
ON pin timeout period
00 = 1s
01 = 2s
10 = 4s
11 = 8s
Protected by security key.
Register 4005h ON Pin Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16390
(4006h)
Reset
Control
15
RECONFIG_A
T_ON
1
Selects if the bootstrap configuration data should be
reloaded when an ON transition is scheduled
0 = Disabled
1 = Enabled
Protected by security key.
10
SW_RESET_C
FG
1
Software Reset Configuration.
Selects whether the register map is reset to default
values when Software Reset occurs.
0 = All registers except VPMIC domain and RTC are
reset by Software Reset
1 = Register Map is not affected by Software Reset
Protected by security key.
6
AUXRST_SLP
ENA
1
Sets the output status of Auxiliary Reset (GPIO)
function in SLEEP
0 = Auxiliary Reset not asserted
1 = Auxiliary Reset asserted
Protected by security key.
5
RST_SLP_MS
K
1
Masks the RESET pin input in SLEEP mode
0 = External RESET active in SLEEP
1 = External RESET masked in SLEEP
Protected by security key.
4
RST_SLPENA
1
Sets the output status of RESET pin in SLEEP
0 = RESET high (not asserted)
1 = RESET low (asserted)
Protected by security key.
1:0
RST_DUR [1:0]
11
Delay period for releasing RESET after ON or WAKE
sequence
00 = 3ms
01 = 11ms
10 = 51ms
11 = 101ms
Protected by security key.
Register 4006h Reset Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com