Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 150 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 150 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 146Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 147Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 148Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 149Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 150Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 151Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 152Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 153Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 154Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
150
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16391
(4007h)
Control
Interface
2
AUTOINC
1
Enable Auto-Increment function
0 = Disabled
1 = Enabled
Register 4007h Control Interface
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16392
(4008h)
Security Key
15:0
SECURITY
[15:0]
0000_0000
_0000_000
0
Security Key
A value of 9716h must be written to this register to
access the user-keyed registers.
Register 4008h Security Key
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16393
(4009h)
Software
Scratch
15:0
SW_SCRATCH
[15:0]
0000_0000
_0000_000
0
Software Scratch Register for use by the host
processor.
Note that this register’s contents are retained in the
BACKUP power state.
Register 4009h Software Scratch
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16394
(400Ah)
OTP Control
15
OTP_PROG
0
Selects the PROGRAM device state.
0 = No action
1 = Select PROGRAM mode
Note that, after PROGRAM mode has been selected,
the chip will remain in PROGRAM mode until a Device
Reset.
Protected by security key.
13
OTP_MEM
1
Selects ICE or OTP memory for Program commands.
0 = ICE
1 = OTP
Protected by security key.
11
OTP_FINAL
0
Selects the FINALISE command, preventing further
OTP programming.
0 = No action
1 = Finalise Command
Protected by security key.
10
OTP_VERIFY
0
Selects the VERIFY command for the selected OTP
memory page(s).
0 = No action
1 = Verify Command
Protected by security key.
9
OTP_WRITE
0
Selects WRITE command for the selected OTP memory
page(s).
0 = No action
1 = Write Command
Protected by security key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com