Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367B Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6367B
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367B Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6367B Datasheet HTML 5Page - Torex Semiconductor XC6367B Datasheet HTML 6Page - Torex Semiconductor XC6367B Datasheet HTML 7Page - Torex Semiconductor XC6367B Datasheet HTML 8Page - Torex Semiconductor XC6367B Datasheet HTML 9Page - Torex Semiconductor XC6367B Datasheet HTML 10Page - Torex Semiconductor XC6367B Datasheet HTML 11Page - Torex Semiconductor XC6367B Datasheet HTML 12Page - Torex Semiconductor XC6367B Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
XC6367/6368
Series
415
4
XC6367B103MR, XC6368B103MR
Ta=25
°C
VOUT=3.0V (when set-up), FOSC=300kHz
PARAMETER
UNITS
Output Voltage
VOUT
V
3.075
3.000
2.925
CE "Low" Voltage
VCEL
V
0.20
-
-
VDD=2.85V, FB=0V
PFM Duty Ratio (Note 3)
PFMDTY
%
35
25
15
Same as IDD1
CE "High" Voltage
VCEH
V
-
0.65
-
IOUT=0mA
Oscillation Start-up Voltage 1
VST1
V
0.9
-
-
Use of a 2SD1628 transistor, IOUT=1.0mA
Oscillation Start-up Voltage 2
VST2
V
0.8
-
-
VDD=CE : Apply voltage, FB=0V
EXT "High" ON Resistance
REXTH
Ω
47
32
-
VDD=2.85V, FB=0V
EXT "Low" ON Resistance
REXTL
Ω
30
20
-
Same as IDD1, VEXT=VOUT-0.4V
Efficiency (Note 2)
EFFI
%
84
--
Same as IDD1, VEXT=0.4V
Soft-Start Time
TSS
msec
20
10
5
Supply Voltage (Note 1)
VDD
V
2.0
10.0
-
Maximum Input Voltage
VIN
V
-
-
10.0
Supply Current 1
IDD1
-
120
µA
190
Oscillation Hold Voltage
VHLD
V
0.7
-
-
Use of a 2SD1628 transistor, IOUT=1.0mA
%
92
78
85
Oscillator Frequency
FOSC
kHz
345
300
255
Stand-by Current
ISTB
µA
-
0.5
-
VDD=2.85V, CE=0V, FB=0V
Maximum Duty Ratio
MAXDTY
Same as IDD1
VDD=CE=2.85V, FB=0V
Supply Current 2
IDD2VDD=CE=3.5V, FB=1.2V
-
20
34
µA
SYMBOL
CONDITIONS
MAX
MIN
TYP
Unless otherwise specified, VIN=1.8V, IOUT=120mA
External components : RFB1 = 400k
Ω, RFB2 = 200kΩ, CFB = 47pF
Measuring conditions:
When taking VDD from another power source please ensure that VDD = 2.0V or more.
Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more,
output voltage and oscillation frequency will be stable.
Note 1:
EFFI = {[(output voltage) x (output current)]
÷ [(input voltage) x (input current)} x 100
Note 2:
Applies to the XC6368 series only (duty ratio when control changes to PFM).
Note 3:
XC6367D, XC6368D series
Series Amendments:
Please note that the following condition applies :
Soft Start Time (TSS) : Connect RSS, CSS. CE 0V
3.0V
04S_02XC6367/68 02.09.12 14:41 ページ 415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com