Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367B Datasheet(PDF) 28 Page - Torex Semiconductor

Part # XC6367B
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367B Datasheet(HTML) 28 Page - Torex Semiconductor

Back Button XC6367B Datasheet HTML 20Page - Torex Semiconductor XC6367B Datasheet HTML 21Page - Torex Semiconductor XC6367B Datasheet HTML 22Page - Torex Semiconductor XC6367B Datasheet HTML 23Page - Torex Semiconductor XC6367B Datasheet HTML 24Page - Torex Semiconductor XC6367B Datasheet HTML 25Page - Torex Semiconductor XC6367B Datasheet HTML 26Page - Torex Semiconductor XC6367B Datasheet HTML 27Page - Torex Semiconductor XC6367B Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
XC6367/6368
Series
434
4
3.0
3.1
3.2
3.3
3.4
3.5
0
100
200
300
400
500
10mA
100mA
2.9
3.0
3.1
3.2
3.3
3.4
0
100
200
300
400
500
10mA
100mA
3.0
3.1
3.2
3.3
3.4
3.5
0
100
200
300
400
500
1mA
100mA
2.9
3.0
3.1
3.2
3.3
3.4
0
100
200
300
400
500
1mA
100mA
2.9
3.0
3.1
3.2
3.3
3.4
0
100
200
300
400
500
100μA
3.0
3.1
3.2
3.3
3.4
3.5
0
100
200
300
400
500
100μA
100mA
XC6368A333MR (300kHz,3.3V)
Time (2.0msec/div)
Output Voltage
Output Current
XC6368A333MR (300kHz,3.3V)
Time (1.0msec/div)
Output Voltage
Output Current
XC6368A333MR (300kHz,3.3V)
Time (5.0msec/div)
Output Voltage
Output Current
XC6368A333MR (300kHz,3.3V)
Time (1.0msec/div)
Output Voltage
Output Current
XC6368A333MR (300kHz,3.3V)
Time (1.0msec/div)
Output Voltage
100mA
Output Current
XC6368A333MR (300kHz,3.3V)
Time (50msec/div)
Output Voltage
Output Current
VIN=1.98V, IOUT=100μA→100mA
VIN=1.98V, IOUT=100mA→100μA
VIN=1.98V, IOUT=100mA→1mA
VIN=1.98V, IOUT=1mA→100mA
VIN=1.98V, IOUT=10mA→100mA
VIN=1.98V, IOUT=100mA→10mA
(20) LOAD TRANSIENT RESPONSE
04S_02XC6367/68 02.09.12 14:41 ページ 434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com