Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367B Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6367B
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367B Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6367B Datasheet HTML 14Page - Torex Semiconductor XC6367B Datasheet HTML 15Page - Torex Semiconductor XC6367B Datasheet HTML 16Page - Torex Semiconductor XC6367B Datasheet HTML 17Page - Torex Semiconductor XC6367B Datasheet HTML 18Page - Torex Semiconductor XC6367B Datasheet HTML 19Page - Torex Semiconductor XC6367B Datasheet HTML 20Page - Torex Semiconductor XC6367B Datasheet HTML 21Page - Torex Semiconductor XC6367B Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
XC6367/6368
Series
424
4
■ External Components
XC6367/XC6368D10xMR (FB)
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
MIN
MAX
  
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
MIN
MAX
XC6367/XC6368B10xMR (FB)
XC6367/XC6368D10xMR (FB)
1
10
100
1000
10000
100000
200
300
400
500
600
700
800
RFB1 (kΩ)
0.1kHz
20kHz
fzfb=10kHz
XC6367/XC6368CxxxMR (VOUT)
VDD=VOUT=2.8V (3.0V set up)
VCE=0V→3.0V, RSS=220kΩ
VDD=VOUT=VOUT set up voltage×0.95V
VCE=0V→3.0V, RSS=470kΩ
Soft Start Condenser Capacitance:CSS (μF)
Soft Start Condenser Capacitance:CSS (μF)
1. Soft start time set up
fzfb = 1 ÷ ( 2π x CFB x RFB1 )
2. RFB1,CFB set up
If you wish to lengthen soft start time we recommend that you use the C or D versions of the series which
have soft start time externally set up.
Soft start time (TSS) is between MIN & MAX, as indicated in the graphs below, so please select soft start
condenser capacitance (CSS) to suit your application.
In order to achieve a value for fzfb within the range of 0.1kHz to 20kHz, we recommend that values for
RFB1 & CFB are selected from the area indicated within the lines of fzfb = 0.1kHz and fzfb = 20 kHz as
shown on the graph below. Please select combinations of values as close to the fzfb = 10kHz line as possible.
GExternal Components
■Directions for use
GNotes on Use
Take ample care to ensure that none of the IC's, nor the external component's, absolute maximum ratings are exceeded.
Be extremely careful when selecting parts and do not limit your reference to the specifications and characteristics for the DC/DC converter
alone. The IC also depends, to a great extent, upon the external components.
Arrange the peripherals in the environs of the IC. In order to reduce wiring impedance, use short, thick wires. In particular, wire the load
capacitor as close as possible and strengthen the ground wiring sufficiently.
Ground current during switching may cause the IC's operations to become unstable due to changes in ground voltage, so please strengthen the
IC's GND pin surroundings.
04S_02XC6367/68 02.09.12 14:41 ページ 424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com