Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367B Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6367B
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367B Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6367B Datasheet HTML 13Page - Torex Semiconductor XC6367B Datasheet HTML 14Page - Torex Semiconductor XC6367B Datasheet HTML 15Page - Torex Semiconductor XC6367B Datasheet HTML 16Page - Torex Semiconductor XC6367B Datasheet HTML 17Page - Torex Semiconductor XC6367B Datasheet HTML 18Page - Torex Semiconductor XC6367B Datasheet HTML 19Page - Torex Semiconductor XC6367B Datasheet HTML 20Page - Torex Semiconductor XC6367B Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
XC6367/6368
Series
423
4
Recommended Components
Tr
L
SD
CIN
CL
: XP161A1355PR (Torex N-channel Power MOSFET)
As the breakdown voltage of XP161A1355PR is 8V, take care
with the power supply voltage. With output voltages over 6V,
use the XP161A1265PR with a breakdown voltage of 12V.
VST1 : XP161A1355PR = 1.2V (max)
XP161A1265PR = 1.5V (max)
: 22
µH (Sumida CR54, FOSC=300kHz)
47
µH (Sumida CR75, FOSC=100, 180kHz)
10
µH (Sumida CR54, FOSC=500kHz)
: MA2Q735 (Schottky Diode, Matsushita)
: 16V 220
µF (Aluminium Electrolytic Capacitor)
: 16V 47
µF + 47µF (Tantalum capacitor, Nichicon MCE)
NPN Tr type :
Tr
Rb
Cb
: 2SD1628 (Sanyo)
: 500
Ω (Adjust according to load and Tr. hFE levels)
: 2200pF (Ceramic type)
Set up so that CB
≤ 1 ÷ (2π x RB x FOSC x 0.7)
C, D, F type (soft-start externally set-up) :
CSS
RSS
: 0.1
µF (Ceramic capacitor)
: 470k
Ω (C, F type), 220kΩ (D type)
B, D type (FB versions)
RFB
CFB
e.g
: Set up so that RFB1
÷ RFB2 = VOUT - 1 (VOUT = set-up output voltage),
Please use with RFB1 + RFB2
≤ 2MΩ
: Set up so that fzfb = 1
÷ (2 x π x CFB x RFB1) is within the
0.1 to 20kHz range (10kHz conventional)
Adjustments necessary in respect of L, CL.
VOUT = 3.0V
RFB1 = 400k
Ω, RFB2 = 200kΩ, CFB = 47pF
If using a Torex MOSFET, We recommend using one which has a gate protection diode built-in.
Rds(ON)
Rds(ON)
Gate Protection Diode Built-in
XP161A1355PR
0.15
Ω@Vgs=1.5V
XP161A1265PR
0.095
Ω@Vgs=2.5V
04S_02XC6367/68 02.09.12 14:41 ページ 423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com