Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367B Datasheet(PDF) 26 Page - Torex Semiconductor

Part # XC6367B
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367B Datasheet(HTML) 26 Page - Torex Semiconductor

Back Button XC6367B Datasheet HTML 20Page - Torex Semiconductor XC6367B Datasheet HTML 21Page - Torex Semiconductor XC6367B Datasheet HTML 22Page - Torex Semiconductor XC6367B Datasheet HTML 23Page - Torex Semiconductor XC6367B Datasheet HTML 24Page - Torex Semiconductor XC6367B Datasheet HTML 25Page - Torex Semiconductor XC6367B Datasheet HTML 26Page - Torex Semiconductor XC6367B Datasheet HTML 27Page - Torex Semiconductor XC6367B Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
XC6367/6368
Series
432
4
0.0
0.2
0.4
0.6
0.8
-40
-20
0
20
40
60
80
IOUT=1mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-20
0
20
40
60
80
IOUT=1mA
0
20
40
60
80
100
-40
-20
0
20
40
60
80
VIN=1.98V
IOUT=130mA
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
70
80
90
100
-40
-20
0
20
40
60
80
0
100
200
300
400
500
-40
-20
0
20
40
60
80
Ambient Temp.:Ta (℃)
XC6368B103MR (300kHz,2.8V)
Ambient Temp.:Ta (℃)
XC6368B103MR (300kHz,2.8V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
(10) OSCILLATION FREQUENCY vs. AMBIENT TEMPERATURE
(11) MAX. DUTY RATIO vs. AMBIENT TEMPERATURE
(12) PFM DUTY RATIO vs. AMBIENT TEMPERATURE
(13) EFFICIENCY vs. AMBIENT TEMPERATURE
(15) OPERATING HOLD VOLTAGE vs. AMBIENT TEMPERATURE
(14) OPERATING START VOLTAGE vs. AMBIENT TEMPERATURE
VDD=VOUT=3.135V
VDD=VOUT=3.135V
VIN=1.98V, IOUT=0.1mA
SD:MA737, Tr:XP161A1355P
L=22μH(CR54), CL=94μF(Tantalum)
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737,Tr:2SD1628G
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737,Tr:2SD1628G
04S_02XC6367/68 02.09.12 14:41 ページ 432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com