Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCM-DAS-3 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
External Connectors
VCM-DAS-3 Reference Manual
7
Figure 4. Connector Locations (Bottom)
(Not to scale.)
CONNECTOR FUNCTIONS AND INTERFACE CABLES
Table 1 provides information about the function, mating connectors, and transition cables for
VCM-DAS-3 connectors. Page numbers indicate where a detailed pinout is available.
Table 1: Connector Functions and Interface Cables
Connector
Function
Mating Connector
Transition Cable
Cable Description
Page
J1
Digital I/O (A0-
A7)
FCI 89361-710LF
–
2mm 10-pin IDC
8
J2
Analog Outputs,
Digital I/O (B0-
C7)
FCI 89361-740LF
CBR-4004A
12” 2mm 40-pin to
40-pin IDC to screw
terminal board CBR-
4004B
9
J3
Analog Outputs,
Digital I/O
Standard 0.1” 50-pin
cable-mount IDC
Diamond Systems
C-50-18
Data acquisition, 50
conductor 0.1" ribbon
cable
10
J4
Factory use only
–
–
–
–
J5
PC/104
AMP 1375795-2
–
–
–
= Pin 1
PC/104 (ISA)
pass-through male
B1
A1
C0
D0
C19
D19
B19
A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com