Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCM-DAS-3 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 22Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 23Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 24Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 25Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 26Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 27Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Digital I/O Control Register
VCM-DAS-3 Reference Manual
20
Digital I/O Control Register
DIOCTRL (Read/Write) 0307h
7
6
5
4
3
2
1
0
–
–
–
DIRA
DIRCHI
–
DIRB
DIRCLO
Table 11: DIOCTRL Bit Assignments
Bit
Mnemonic
Description
7-5
–
Unused. These bits have no function.
4
DIRA
DIO Port A Direction – These bits control the direction of DIO port A (A7-A0).
0 = Output
1 = Input
3
DIRCHI
DIO Port C MSB Direction – These bits control the direction of the upper half of
DIO port C (C7-C4).
0 = Output
1 = Input
2
–
Unused. This bit has no function.
1
DIRB
DIO Port B Direction – These bits control the direction of DIO port B (B7-B0).
0 = Output
1 = Input
0
DIRCLO
DIO Port C LSB Direction – These bits control the direction of the lower half of
DIO port C (C3-C0).
0 = Output
1 = Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com