Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCM-DAS-3 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 22Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 23Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 24Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 25Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 26Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 27Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Enhanced Mode Registers
VCM-DAS-3 Reference Manual
19
ENCTRL (Read) 030Ah
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
READY
Table 10: Register Bit Assignments
Bit
Mnemonic
Description
7-1
–
Enhanced DAC Control
0
Ready
Ready – Factory use only.
0 = SPI transaction in progress
1 = SPI transaction complete
The internal logic of the SPI state machine is much faster than the ISA bus
speed, which limits the usefulness of his bit for anything other than factory
debugging of the design.
ENHANCED MODE DATA REGISTERS
ENDATHI MSB (Read) 0309h
7
6
5
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
ENDATLO LSB (Read/Write) 0308h
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
The data format of these registers depends on the operation executed in the ENCTRL register.
See the sections listed below for information on data formats for specific operations.
Operation
CTRL Code
(ENCTRL)
Page
Read DAC
08h
34
Read Span
09h
34
Set Gain
0Eh
33
Read Gain
0Fh
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com