Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCM-DAS-3 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Jumper Blocks
VCM-DAS-3 Reference Manual
13
JUMPER SUMMARY
Table 5: Jumper Summary
Jumper
Block
Description
As
Shipped
Page
V1[15-16]
Bit Mode Selector
In
=
16-bit ISA Transactions
Out
=
8-bit ISA Transactions
8-bit mode forces the VCM-DAS-3 to respond with 8-bit transactions. This mode
is required when using the board on an 8-bit bus. The 16-bit mode allows both 8
and 16-bit transactions.
In
15
V1[13-14]
Enhanced/Compatible Mode Selector
In
=
Enhanced Mode
Out
=
Compatible Mode
Enhanced mode provides extra DAC functions, which should operate properly in
applications designed for the Diamond Systems Ruby-MM board.
In
15
V1
[11-12] to
[1-2]
Base Address Selector – A base address of 0x000 to 0x3F0 can be selected.
The last digit is always 0.
First Digit
[11-12] 9-10]
0
In
Out
1
Out
In
2
Out
In
3
Out
Out
Second Digit
[7-8]
[5-6]
[3-4]
[1-2]
0
In
In
In
In
1
In
In
In
Out
2
In
In
Out
In
3
In
In
Out
Out
4
In
Out
In
In
5
In
Out
In
Out
6
In
Out
Out
In
7
In
Out
Out
Out
8
Out
In
In
In
9
Out
In
In
Out
A
Out
In
Out
In
B
Out
In
Out
Out
C
Out
Out
In
In
D
Out
Out
In
Out
E
Out
Out
Out
In
F
Out
Out
Out
Out
Out, Out,
In, In, In, In,
(0x300)
15
V2
A/D Channel 0-7 Span Range Selector
[7-8]
[5-6]
[3-4]
[1-2]
0V to +5V
In
In
In
In
0V to +10V
In
In
In
Out
-
5V to +5V
In
In
Out
In
-
10V to +10V
In
In
Out
Out
-
2.5V to +2.5V
In
Out
In
In
-
2.5V to +7.5V
In
Out
In
Out
These jumpers set the initial power up span ranges for A/D channels 0-7.
In, In, In, In
(0V to +5V)
26
V3
A/D Channel 8-16 Span Range Selector
[7-8]
[5-6]
[3-4]
[1-2]
0V to +5V
In
In
In
In
0V to +10V
In
In
In
Out
-
5V to +5V
In
In
Out
In
-
10V to +10V
In
In
Out
Out
-
2.5V to +2.5V
In
Out
In
In
-
2.5V to +7.5V
In
Out
In
Out
These jumpers set the initial power up span ranges for A/D channels 8-16.
In, In, In, In
(0V to +5V)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com