Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCM-DAS-3 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
External Connectors
VCM-DAS-3 Reference Manual
9
J2 I/O CONNECTOR
The J2 I/O connector incorporates analog voltage outputs 0 through 15 and digital I/O channels
B0 through C7. Table 3 illustrates the function of each pin and the pinout assignments to
connectors on the CBR-4004 I/O board.
Table 3: J2 I/O Connector Pinout
J2
Pin
Signal Name
Function
CBR-4004
Connector
CBR-4004
Pin (Label)
1
VOUT 00
Analog Out Ch 0
J1
5 (IO1)
2
VOUT 01
Analog Out Ch 1
Analog
4 (IO2)
3
VOUT 02
Analog Out Ch 2
Output
3 (IO3)
4
VOUT 03
Analog Out Ch 3
2 (IO4)
5
Ground
Ground
1 (GND1)
6
VOUT 04
Analog Out Ch 4
J2
5 (IO5)
7
VOUT 05
Analog Out Ch 5
Analog
4 (IO6)
8
VOUT 06
Analog Out Ch 6
Output
3 (IO7)
9
VOUT 07
Analog Out Ch 7
2 (IO8)
10
Ground
Ground
1 (GND1)
11
VOUT 08
Analog Out Ch 8
J3
5 (IO9)
12
VOUT 09
Analog Out Ch 9
Analog
4 (IO10)
13
VOUT 10
Analog Out Ch 10
Output
3 (IO11)
14
VOUT 11
Analog Out Ch 11
2 (IO12)
15
Ground
Ground
1 (GND2)
16
VOUT 12
Analog Out Ch 12
J4
5 (IO13)
17
VOUT 13
Analog Out Ch 13
Analog
4 (IO14)
18
VOUT 14
Analog Out Ch 14
Output
3 (IO15)
19
VOUT 15
Analog Out Ch 15
2 (IO16)
20
Ground
Ground
1 (GND2)
21
DIO B7
Digital I/O B7
J6
5 (IO17)
22
DIO B6
Digital I/O B6
Digital I/O B
4 (IO18)
23
DIO B5
Digital I/O B5
3 (IO19)
24
DIO B4
Digital I/O B4
2 (IO20)
25
Ground
Ground
1 (GND3/PBRST#)
26
DIO B3
Digital I/O B3
J7
5 (IO21)
27
DIO B2
Digital I/O B2
Digital I/O B
4 (IO22)
28
DIO B1
Digital I/O B1
3 (IO23)
29
DIO B0
Digital I/O B0
2 (IO24)
30
Ground
Ground
1 (GND3)
31
DIO C7
Digital I/O C7
J8
5 (IO25)
32
DIO C6
Digital I/O C6
Digital I/O C
4 (IO26)
33
DIO C5
Digital I/O C5
3 (IO27)
34
DIO C4
Digital I/O C4
2 (I028)
35
Ground
Ground
1 (GND4)
36
DIO C3
Digital I/O C3
J9
5 (IO29)
37
DIO C2
Digital I/O C2
Digital I/O C
4 (IO30)
38
DIO C1
Digital I/O C1
3 (IO31)
39
DIO C0
Digital I/O C0*
2 (IO32)
40
Ground
Ground
1 (GND4)
* Pin 39 can also used as an external trigger for updating DAC channels. See External
Trigger Update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com