Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 26Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 27Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 406 page
background image
PIC24FJ128GA310 FAMILY
PIC24FJDS39996F-page 24
 2010-2011 Microchip Technology Inc.
RE0
60
76
93
A4
I/O
ST
PORTE Digital I/O.
RE1
617794
B4
I/O
ST
RE2
627898
B3
I/O
ST
RE3
637999
A2
I/O
ST
RE4
64
80
100
A1
I/O
ST
RE5
1
1
3
D3
I/O
ST
RE6
2
2
4
C1
I/O
ST
RE7
3
3
5
D2
I/O
ST
RE8
—
13
18
G1
I/O
ST
RE9
—
14
19
G2
I/O
ST
REFO
30
36
44
L8
O
—
Reference Clock Output.
RF0
587287
B6
I/O
ST
PORTF Digital I/O.
RF1
597388
A6
I/O
ST
RF2
344252
K11
I/O
ST
RF3
334151
K10
I/O
ST
RF4
313949
L10
I/O
ST
RF5
324050
L11
I/O
ST
RF6
354555
H9
I/O
ST
RF7
—
44
54
H8
I/O
ST
RF8
—
43
53
J10
I/O
ST
RF12
—
—
40
K6
I/O
ST
PORTG Digital I/O.
RF13
—
—
39
L6
I/O
ST
RG0
—
75
90
A5
I/O
ST
RG1
—
74
89
E6
I/O
ST
RG2
374757
H10
I/O
ST
RG3
364656
J11
I/O
ST
RG6
4
6
10
E3
I/O
ST
RG7
5
7
11
F4
I/O
ST
RG8
6
8
12
F2
I/O
ST
RG9
8
10
14
F3
I/O
ST
RG12
—
—
96
C3
I/O
ST
RG13
—
—
97
A3
I/O
ST
RG14
—
—
95
C4
I/O
ST
RG15
—
—
1
B2
I/O
ST
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com