| Electronic Components Datasheet Search |
|
PIC24FJ128GA310 Datasheet(PDF) 94 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 Datasheet(HTML) 94 Page - Microchip Technology |
|
94 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 94 2010-2011 Microchip Technology Inc. TABLE 7-3: RESET DELAY TIMES FOR VARIOUS DEVICE RESETS 7.4.1 POR AND LONG OSCILLATOR START-UP TIMES The oscillator start-up circuitry and its associated delay timers are not linked to the device Reset delays that occur at power-up. Some crystal circuits (especially low-frequency crystals) will have a relatively long start-up time. Therefore, one or more of the following conditions is possible after SYSRST is released: • The oscillator circuit has not begun to oscillate. • The Oscillator Start-up Timer has not expired (if a crystal oscillator is used). • The PLL has not achieved a lock (if PLL is used). The device will not begin to execute code until a valid clock source has been released to the system. There- fore, the oscillator and PLL start-up delays must be considered when the Reset delay time must be known. 7.4.2 FAIL-SAFE CLOCK MONITOR (FSCM) AND DEVICE RESETS If the FSCM is enabled, it will begin to monitor the system clock source when SYSRST is released. If a valid clock source is not available at this time, the device will automatically switch to the FRC oscillator and the user can switch to the desired crystal oscillator in the Trap Service Routine (TSR). Reset Type Clock Source SYSRST Delay System Clock Delay Notes POR EC TPOR + TSTARTUP + TRST — 1, 2, 3 ECPLL TPOR + TSTARTUP + TRST TLOCK 1, 2, 3, 5 XT, HS, SOSC TPOR + TSTARTUP + TRST TOST 1, 2, 3, 4, 8 XTPLL, HSPLL TPOR + TSTARTUP + TRST TOST + TLOCK 1, 2, 3, 4, 5, 8 FRC, FRCDIV TPOR + TSTARTUP + TRST TFRC 1, 2, 3, 6, 7 FRCPLL TPOR + TSTARTUP + TRST TFRC + TLOCK 1, 2, 3, 5, 6 LPRC TPOR + TSTARTUP + TRST TLPRC 1, 2, 3, 6 BOR EC TSTARTUP + TRST — 2, 3 ECPLL TSTARTUP + TRST TLOCK 2, 3, 5 XT, HS, SOSC TSTARTUP + TRST TOST 2, 3, 4, 8 XTPLL, HSPLL TSTARTUP + TRST TOST + TLOCK 2, 3, 4, 5, 8 FRC, FRCDIV TSTARTUP + TRST TFRC 2, 3, 6, 7 FRCPLL TSTARTUP + TRST TFRC + TLOCK 2, 3, 5, 6 LPRC TSTARTUP + TRST TLPRC 2, 3, 6 MCLR Any Clock TRST — 3 WDT Any Clock TRST — 3 Software Any clock TRST — 3 Illegal Opcode Any Clock TRST — 3 Uninitialized W Any Clock TRST — 3 Trap Conflict Any Clock TRST — 3 Note 1: TPOR = Power-on Reset delay (10 s nominal). 2: TSTARTUP = TVREG (10 s nominal when VREGS = 1 and when VREGS = 0; depends upon WDTWIN<1:0> bits setting). 3: TRST = Internal State Reset time (2 s nominal). 4: TOST = Oscillator Start-up Timer (OST). A 10-bit counter counts 1024 oscillator periods before releasing the oscillator clock to the system. 5: TLOCK = PLL lock time. 6: TFRC and TLPRC = RC oscillator start-up times. 7: If Two-speed Start-up is enabled, regardless of the primary oscillator selected, the device starts with FRC so the system clock delay is just TFRC, and in such cases, FRC start-up time is valid. It switches to the primary oscillator after its respective clock delay. 8: TOST = Oscillator Start-up Timer (OST). A 10-bit counter waits 1024 oscillator periods before releasing the oscillator clock to the system. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |