Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 54Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 55Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 56Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 57Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 58Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 59Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 60Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 61Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 406 page
background image
TABLE 4-23:
DMA REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
DMACON
0380
DMAEN
—
—
—
—
—
—
—
—
—
—
—
—
—
—
PRSSEL
0000
DMABUF
0382
DMA Transfer Data Buffer
0000
DMAL
0384
DMA High Address Limit
0000
DMAH
0386
DMA Low Address Limit
0000
DMACH0
0388
—
—
—
—
—
NULLW
RELOAD
CHREQ SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0
BYTE
CHEN
0000
DMAINT0
038A
DBUFWF
—
CHSEL5
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
HIGHIF
LOWIF
DONEIF
HALFIF
OVRUNIF
—
—HALFEN
0000
DMASRC0
038C
DMA Channel 0 Source Address
0000
DMADST0
038E
DMA Channel 0 Destination Address
0000
DMACNT0
0390
DMA Channel 0 Transaction Count
0001
DMACH1
0392
—
—
—
—
—
NULLW
RELOAD
CHREQ SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0
BYTE
CHEN
0000
DMAINT1
0394
DBUFWF
—
CHSEL5
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
HIGHIF
LOWIF
DONEIF
HALFIF
OVRUNIF
—
—HALFEN
0000
DMASRC1
0396
DMA Channel 1 Source Address
0000
DMADST1
0398
DMA Channel 1 Destination Address
0000
DMACNT1
039A
DMA Channel 1 Transaction Count
0001
DMACH2
039C
—
—
—
—
—
NULLW
RELOAD
CHREQ SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0
BYTE
CHEN
0000
DMAINT2
039E
DBUFWF
—
CHSEL5
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
HIGHIF
LOWIF
DONEIF
HALFIF
OVRUNIF
—
—HALFEN
0000
DMASRC2
03A0
DMA Channel 2 Source Address
0000
DMADST2
03A2
DMA Channel 2 Destination Address
0000
DMACNT2
03A4
DMA Channel 2 Transaction Count
0001
DMACH3
03A6
—
—
—
—
—
NULLW
RELOAD
CHREQ SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0
BYTE
CHEN
0000
DMAINT3
03A8
DBUFWF
—
CHSEL5
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
HIGHIF
LOWIF
DONEIF
HALFIF
OVRUNIF
—
—HALFEN
0000
DMASRC3
03AA
DMA Channel 3 Source Address
0000
DMADST3
03AC
DMA Channel 3 Destination Address
0000
DMACNT3
03AE
DMA Channel 3 Transaction Count
0001
DMACH4
03B0
—
—
—
—
—
NULLW
RELOAD
CHREQ SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0
BYTE
CHEN
0000
DMAINT4
03B2
DBUFWF
—
CHSEL5
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
HIGHIF
LOWIF
DONEIF
HALFIF
OVRUNIF
—
—HALFEN
0000
DMASRC4
03B4
DMA Channel 4 Source Address
0000
DMADST4
03B6
DMA Channel 4 Destination Address
0000
DMACNT4
03B8
DMA Channel 4 Transaction Count
0001
DMACH5
03BA
—
—
—
—
—
NULLW
RELOAD
CHREQ SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0
BYTE
CHEN
0000
DMAINT5
03BC
DBUFWF
—
—
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
HIGHIF
LOWIF
DONEIF
HALFIF
OVRUNIF
—
—HALFEN
0000
DMASRC5
03BE
DMA Channel 5 Source Address
0000
DMADST5
03C0
DMA Channel 5 Destination Address
0000
DMACNT5
03C2
DMA Channel 5 Transaction Count
0001
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com