Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 52Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 53Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 54Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 55Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 56Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 57Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 58Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 59Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 406 page
background image
TABLE 4-20:
A/D REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADC1BUF0
0300
A/D Data Buffer 0/Threshold for Channel 0
xxxx
ADC1BUF1
0302
A/D Data Buffer 1/Threshold for Channel 1
xxxx
ADC1BUF2
0304
A/D Data Buffer 2/Threshold for Channel 2
xxxx
ADC1BUF3
0306
A/D Data Buffer 3/Threshold for Channel 3
xxxx
ADC1BUF4
0308
A/D Data Buffer 4/Threshold for Channel 4
xxxx
ADC1BUF5
030A
A/D Data Buffer 5/Threshold for Channel 5
xxxx
ADC1BUF6
030C
A/D Data Buffer 6/Threshold for Channel 6
xxxx
ADC1BUF7
030E
A/D Data Buffer 7/Threshold for Channel 7
xxxx
ADC1BUF8
0310
A/D Data Buffer 8/Threshold for Channel 8
xxxx
ADC1BUF9
0312
A/D Data Buffer 9/Threshold for Channel 9
xxxx
ADC1BUF10
0314
A/D Data Buffer 10/Threshold for Channel 10
xxxx
ADC1BUF11
0316
A/D Data Buffer 11/Threshold for Channel 11
xxxx
ADC1BUF12
0318
A/D Data Buffer 12/Threshold for Channel 12
xxxx
ADC1BUF13
031A
A/D Data Buffer 13/Threshold for Channel 13/Threshold for Channel 0 in Windowed Compare
xxxx
ADC1BUF14
031C
A/D Data Buffer 14/Threshold for Channel 14/Threshold for Channel 1 in Windowed Compare
xxxx
ADC1BUF15
031E
A/D Data Buffer 15/Threshold for Channel 15/Threshold for Channel 2 in Windowed Compare
xxxx
ADC1BUF16
0320
A/D Data Buffer 16/Threshold for Channel 16/Threshold for Channel 3 in Windowed Compare(1)
xxxx
ADC1BUF17
0322
A/D Data Buffer 17/Threshold for Channel 17/Threshold for Channel 4 in Windowed Compare(1)
xxxx
ADC1BUF18
0324
A/D Data Buffer 18/Threshold for Channel 18/Threshold for Channel 5 in Windowed Compare(1)
xxxx
ADC1BUF19
0326
A/D Data Buffer 19/Threshold for Channel 19/Threshold for Channel 6 in Windowed Compare(1)
xxxx
ADC1BUF20
0328
A/D Data Buffer 20/Threshold for Channel 20/Threshold for Channel 7 in Windowed Compare(1)
xxxx
ADC1BUF21
032A
A/D Data Buffer 21/Threshold for Channel 21/Threshold for Channel 8 in Windowed Compare(1)
xxxx
ADC1BUF22
032C
A/D Data Buffer 22/Threshold for Channel 22/Threshold for Channel 9 in Windowed Compare(1)
xxxx
ADC1BUF23
032E
A/D Data Buffer 23/Threshold for Channel 23/Threshold for Channel 10 in Windowed Compare(1)
xxxx
ADC1BUF24
0330
A/D Data Buffer 24/Threshold for Channel 24/Threshold for Channel 11 in Windowed Compare
xxxx
ADC1BUF25
0332
A/D Data Buffer 25/Threshold for Channel 25/Threshold for Channel 12 in Windowed Compare
xxxx
AD1CON1
0340
ADON
—
ADSIDL
DMABM
DMAEN
MODE12 FORM1
FORM0
SSRC3
SSRC2
SSRC1
SSRC0
—
ASAM
SAMP
DONE
0000
AD1CON2
0342
PVCFG1 PVCFG0 NVCFG0 OFFCAL BUFREGEN CSCNA
—
—
BUFS
SMPI4
SMPI3
SMPI2
SMPI1
SMPI0
BUFM
ALTS
0000
AD1CON3
0344
ADRC
EXTSAM PUMPEN SAMC4
SAMC3
SAMC2
SAMC1
SAMC0
ADCS7
ADCS6
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
0000
AD1CHS
0348
CH0NB2 CH0NB1 CH0NB0 CH0SB4
CH0SB3
CH0SB2 CH0SB1 CH0SB0 CH0NA2 CH0NA1 CH0NA0 CH0SA4 CH0SA3 CH0SA2 CH0SA1 CH0SA0
0000
AD1CSSH
034E
—
CSS30
CSS29
CSS28
CSS27
CSS26
CSS25
CSS24
CSS23
CSS22
CSS21
CSS20
CSS19
CSS18
CSS17
CSS16
0000
AD1CSSL
0350
CSS15
CSS14
CSS13
CSS12
CSS11
CSS10
CSS9
CSS8
CSS7
CSS6
CSS5
CSS4
CSS3
CSS2
CSS1
CSS0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are unimplemented in 64-pin and 80-pin devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com