Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L151C8T6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8L151C8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C8T6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8L151C8T6 Datasheet HTML 7Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 8Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 9Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 10Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 11Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 12Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 13Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 14Page - STMicroelectronics STM8L151C8T6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 129 page
background image
STM8L15xx8, STM8L15xR6
Description
Doc ID 17943 Rev 5
11/129
2.2
Device overview
Table 2.
High density and medium+ density STM8L15xx low power device features and
peripheral counts
Features
STM8L15xC8
STM8L15xR8
STM8L15xM8
STM8L15xR6
Flash (Kbytes)
64
64
64
32
Data EEPROM (Kbytes)
2
1
RAM (Kbytes)
4
4
4
2
LCD
8x24 or 4x28(1)
8x36 or 4x40(1)
8x40 or 4x44(1)
8x36 or 4x40(1)
Timers
Basic
1
(8-bit)
1
(8-bit)
1
(8-bit)
1
(8-bit)
General purpose
3
(16-bit)
3
(16-bit)
3
(16-bit)
3
(16-bit)
Advanced control
1
(16-bit)
1
(16-bit)
1
(16-bit)
1
(16-bit)
Communication
interfaces
SPI
2
2
2
2
I2C
1
1
1
1
USART
3
3
3
3
GPIOs
41(2)
54(2)
68(2)
54(2)
12-bit synchronized ADC
(number of channels)
1
(25)
1
(28)
1
(28)
1
(28)
12-Bit DAC
Number of channels
2
2
2
2
2
2
2
2
Comparators (COMP1/COMP2)
2
2
2
2
Others
RTC, window watchdog, independent watchdog,
16-MHz and 38-kHz internal RC, 1- to 16-MHz and 32-kHz external oscillator
CPU frequency
16 MHz
Operating voltage
1.8 to 3.6 V (down to 1.65 V at power-down) with BOR
1.65 to 3.6 V without BOR
Operating temperature
−40 to +85 °C / −40 to +105 °C / −40 to +125 °C
Packages
UFQFPN48
LQFP48
LQFP64
LQFP80
LQFP64
1.
STM8L152xx versions only.
2.
The number of GPIOs given in this table includes the NRST/PA1 pin but the application can use the NRST/PA1 pin as
general purpose output only (PA1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com