Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HSC705C8ACFS Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68HSC705C8ACFS
Description  M68HC05 Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC705C8ACFS Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68HSC705C8ACFS Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 222 page
background image
Central Processor Unit (CPU)
CPU Registers
MC68HC705C8A — Rev. 3
Technical Data
MOTOROLA
Central Processor Unit (CPU)
3.3.1 Accumulator
The accumulator (A) shown in Figure 3-2 is a general-purpose 8-bit
register. The CPU uses the accumulator to hold operands and results of
arithmetic and non-arithmetic operations.
Figure 3-2. Accumulator (A)
3.3.2 Index Register
In the indexed addressing modes, the CPU uses the byte in the index
register (X) shown in Figure 3-3 to determine the conditional address of
the operand. See 12.3.5 Indexed, No Offset, 12.3.6 Indexed, 8-Bit
Offset, and 12.3.7 Indexed, 16-Bit Offset for more information on
indexed addressing.
The 8-bit index register also can serve as a temporary data storage
location.
Figure 3-3. Index Register (X)
Bit 7
654321
Bit 0
Read:
Write:
Reset:
Unaffected by reset
Bit 7
654321
Bit 0
Read:
Write:
Reset:
Unaffected by reset
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com