Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HSC705C8ACFS Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MC68HSC705C8ACFS
Description  M68HC05 Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC705C8ACFS Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MC68HSC705C8ACFS Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 222 page
background image
Technical Data
MC68HC705C8A — Rev. 3
98
Capture/Compare Timer
Capture/Compare Timer
Reading TRH returns the current value of the high byte of the counter
and causes the low byte to be latched into a buffer, as shown in
Figure 8-8. The buffer value remains fixed even if the high byte is read
more than once. Reading TRL reads the transparent low byte buffer and
completes the read sequence of the timer registers.
Figure 8-8. Timer Register Reads
NOTE:
To prevent interrupts from occurring between readings of TRH and TRL,
set the interrupt mask (I bit) in the condition code register before reading
TRH, and clear the mask after reading TRL.
8.4.4 Alternate Timer Registers
The alternate timer registers (ATRH and ATRL) shown in Figure 8-9
contain the current high and low bytes of the 16-bit counter. Reading
ATRH before reading ATRL causes ATRL to be latched until ATRL is
read. Reading does not affect the timer overflow flag (TOF). Writing to
the alternate timer registers has no effect.
LOW BYTE BUFFER
$0018
$0019
TIMER REGISTER HIGH
TIMER REGISTER LOW
READ TRH
LATCH
INTERNAL DATA BUS
15
7
0
0
7
8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com