Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HSC705C8ACFS Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MC68HSC705C8ACFS
Description  M68HC05 Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC705C8ACFS Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MC68HSC705C8ACFS Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 222 page
background image
MC68HC705C8A — Rev. 3
Technical Data
MOTOROLA
Capture/Compare Timer
Technical Data — MC68HC705C8A
Section 8. Capture/Compare Timer
8.1 Contents
8.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
8.3
Timer Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
8.3.1
Input Capture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
8.3.2
Output Compare . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .93
8.4
Timer I/O Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .94
8.4.1
Timer Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . .94
8.4.2
Timer Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
8.4.3
Timer Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
8.4.4
Alternate Timer Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . 98
8.4.5
Input Capture Registers . . . . . . . . . . . . . . . . . . . . . . . . . . 100
8.4.6
Output Compare Registers. . . . . . . . . . . . . . . . . . . . . . . . . 101
8.2 Introduction
This section describes the operation of the 16-bit capture/compare timer.
Figure 8-1 shows the structure of the timer module. Figure 8-2 is a
summary of the timer input/output (I/O) registers.
8.3 Timer Operation
The core of the capture/compare timer is a 16-bit free-running counter.
The counter is the timing reference for the input capture and output
compare functions. The input capture and output compare functions can
latch the times at which external events occur, measure input
waveforms, and generate output waveforms and timing delays. Software
can read the value in the counter at any time without affecting the
counter sequence.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com