Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP4CE115F23I7N Datasheet(PDF) 12 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 12 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 8Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 9Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 10Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 11Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 12Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 13Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 14Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 15Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
1–12
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
Schmitt Trigger Input
Cyclone IV devices support Schmitt trigger input on the TDI, TMS, TCK, nSTATUS,
nCONFIG
, nCE, CONF_DONE, and DCLK pins. A Schmitt trigger feature introduces
hysteresis to the input signal for improved noise immunity, especially for signals with
slow edge rate. Table 1–14 lists the hysteresis specifications across the supported
VCCIO range for Schmitt trigger inputs in Cyclone IV devices.
I/O Standard Specifications
The following tables list input voltage sensitivities (VIH and VIL), output voltage (VOH
and VOL), and current drive characteristics (IOH and IOL), for various I/O standards
supported by Cyclone IV devices. Table 1–15 through Table 1–20 provide the I/O
standard specifications for Cyclone IV devices.
Table 1–14. Hysteresis Specifications for Schmitt Trigger Input in Cyclone IV Devices
Symbol
Parameter
Conditions (V)
Minimum
Unit
VSCHMITT
Hysteresis for Schmitt trigger
input
VCCIO =3.3
200
mV
VCCIO =2.5
200
mV
VCCIO =1.8
140
mV
VCCIO =1.5
110
mV
Table 1–15. Single
-Ended I/O Standard Specifications for Cyclone IV Devices (1), (2)
I/O Standard
VCCIO (V)
VIL (V)
VIH (V)
VOL (V)
VOH (V)
IOL
(mA)
(4)
IOH
(mA)
(4)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
3.3
-V LVTTL (3)
3.135
3.3
3.465
—
0.8
1.7
3.6
0.45
2.4
4
–4
3.3
-V LVCMOS (3)
3.135
3.3
3.465
—
0.8
1.7
3.6
0.2
VCCIO – 0.2
2
–2
3.0
-V LVTTL (3)
2.85
3.0
3.15
–0.3
0.8
1.7
VCCIO + 0.3
0.45
2.4
4
–4
3.0
-V LVCMOS (3)
2.85
3.0
3.15
–0.3
0.8
1.7
VCCIO + 0.3
0.2
VCCIO – 0.2
0.1
–0.1
2.5 V (3)
2.375
2.5
2.625
–0.3
0.7
1.7
VCCIO + 0.3
0.4
2.0
1
–1
1.8 V
1.71
1.8
1.89
–0.3
0.35 x
VCCIO
0.65 x
VCCIO
2.25
0.45
VCCIO –
0.45
2–2
1.5 V
1.425
1.5
1.575
–0.3
0.35 x
VCCIO
0.65 x
VCCIO
VCCIO + 0.3
0.25 x
VCCIO
0.75 x
VCCIO
2–2
1.2 V
1.14
1.2
1.26
–0.3
0.35 x
VCCIO
0.65 x
VCCIO
VCCIO + 0.3
0.25 x
VCCIO
0.75 x
VCCIO
2–2
3.0-V PCI
2.85
3.0
3.15
—
0.3 x
VCCIO
0.5 x
VCCIO
VCCIO + 0.3 0.1 x VCCIO
0.9 x VCCIO
1.5
–0.5
3.0-V PCI-X
2.85
3.0
3.15
—
0.35 x
VCCIO
0.5 x
VCCIO
VCCIO + 0.3 0.1 x VCCIO
0.9 x VCCIO
1.5
–0.5
Notes to Table 1–15:
(1) For voltage
-referenced receiver input waveform and explanation of terms used in Table 1–15, refer to “Glossary” on page 1–37.
(2) AC load CL = 10 pF
(3) For more information about interfacing Cyclone IV devices with 3.3/3.0/2.5
-V LVTTL/LVCMOS I/O standards, refer to AN 447: Interfacing Cyclone III
and Cyclone IV Devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O Systems.
(4) To meet the IOL and IOH specifications, you must set the current strength settings accordingly. For example, to meet the 3.3-V LVTTL specification (4
mA), set the current strength settings to 4 mA or higher. Setting at lower current strength may not meet the IOLand IOHspecifications in the handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com