Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP4CE115F23I7N Datasheet(PDF) 26 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 26 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 22Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 23Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 24Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 25Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 26Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 27Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 28Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 29Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
1–26
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
Embedded Multiplier Specifications
Table 1–26 lists the embedded multiplier specifications for Cyclone IV devices.
Memory Block Specifications
Table 1–27 lists the M9K memory block specifications for Cyclone IV devices.
Configuration and JTAG Specifications
Table 1–28 lists the configuration mode specifications for Cyclone IV devices.
Table 1–26. Embedded Multiplier Specifications for Cyclone IV Devices
Mode
Resources Used
Performance
Unit
Number of Multipliers
C6
C7, I7, A7
C8
C8L, I8L
C9L
9 × 9-bit multiplier
1
340
300
260
240
175
MHz
18 × 18-bit multiplier
1
287
250
200
185
135
MHz
Table 1–27. Memory Block Performance Specifications for Cyclone IV Devices
Memory
Mode
Resources Used
Performance
Unit
LEs
M9K
Memory
C6
C7, I7, A7
C8
C8L,I8L
C9L
M9K Block
FIFO 256 × 36
47
1
315
274
238
200
157
MHz
Single-port 256 × 36
0
1
315
274
238
200
157
MHz
Simple dual-port 256 × 36 CLK
0
1
315
274
238
200
157
MHz
True dual port 512 × 18 single CLK
0
1
315
274
238
200
157
MHz
Table 1–28. Passive Configuration Mode Specifications for Cyclone IV Devices (1)
Programming Mode
VCCINT Voltage Level (V)
DCLK fMAX
Unit
Passive Serial (PS)
1.0 (3)
66
MHz
1.2
133
MHz
Fast Passive Parallel (FPP) (2)
1.0 (3)
66
MHz
1.2 (4)
100
MHz
Notes to Table 1–28:
(1) For more information about PS and FPP configuration timing parameters, refer to the Configuration and Remote
System Upgrades in Cyclone IV Devices chapter.
(2) FPP configuration mode supports all Cyclone IV E devices (except for E144 package devices) and EP4CGX50,
EP4CGX75, EP4CGX110, and EP4CGX150 only.
(3) VCCINT = 1.0 V is only supported for Cyclone IV E 1.0 V core voltage devices.
(4) Cyclone IV E devices support 1.2 V VCCINT. Cyclone IV E 1.2 V core voltage devices support 133 MHz DCLK fMAX for
EP4CE6, EP4CE10, EP4CE15, EP4CE22, EP4CE30, and EP4CE40 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com