Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP4CE115F23I7N Datasheet(PDF) 15 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 11Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 12Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 13Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 14Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 15Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 16Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 17Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 18Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–15
Operating Conditions
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
LVDS
(Column
I/Os)
2.375
2.5
2.625
100
—
0.05
DMAX  500 Mbps
1.80
247
—
600
1.125
1.25
1.375
0.55
500 Mbps
 D
MAX
 700 Mbps
1.80
1.05
DMAX > 700 Mbps
1.55
BLVDS (Row
I/Os) (4)
2.375
2.5
2.625
100
—
—
—
—
—
—
—
—
—
—
BLVDS
(Column
I/Os) (4)
2.375
2.5
2.625
100
—
—
—
—
—
—
—
—
—
—
mini
-LVDS
(Row I/Os)
(5)
2.375
2.5
2.625
—
—
—
—
—
300
—
600
1.0
1.2
1.4
mini
-LVDS
(Column
I/Os) (5)
2.375
2.5
2.625
—
—
—
—
—
300
—
600
1.0
1.2
1.4
RSDS® (Row
I/Os) (5)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.5
RSDS
(Column
I/Os) (5)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.5
PPDS (Row
I/Os) (5)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.4
PPDS
(Column
I/Os) (5)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.4
Notes to Table 1–20:
(1) For an explanation of terms used in Table 1–20, refer to “Glossary” on page 1–37.
(2) VIN range: 0 V  VIN  1.85 V.
(3) RL range: 90  RL  110  .
(4) There are no fixed VIN, VOD , and VOS specifications for BLVDS. They depend on the system topology.
(5) The Mini
-LVDS, RSDS, and PPDS standards are only supported at the output pins.
(6) The LVPECL I/O standard is only supported on dedicated clock input pins. This I/O standard is not supported for output pins.
Table 1–20. Differential I/O Standard Specifications for Cyclone IV Devices (1) (Part 2 of 2)
I/O Standard
VCCIO (V)
VID (mV)
VIcM (V) (2)
VOD (mV) (3)
VOS (V) (3)
Min
Typ
Max
Min
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com