Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP4CE115F23I7N Datasheet(PDF) 41 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 34Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 35Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 36Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 37Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 38Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 39Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 40Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 41Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 42Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–41
Glossary
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
V
VCM(DC)
DC common mode input voltage.
VDIF(AC)
AC differential input voltage: The minimum AC input differential voltage required for switching.
VDIF(DC)
DC differential input voltage: The minimum DC input differential voltage required for switching.
VICM
Input common mode voltage: The common mode of the differential signal at the receiver.
VID
Input differential voltage swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the receiver.
VIH
Voltage input high: The minimum positive voltage applied to the input that is accepted by the
device as a logic high.
VIH(AC)
High-level AC input voltage.
VIH(DC)
High-level DC input voltage.
VIL
Voltage input low: The maximum positive voltage applied to the input that is accepted by the
device as a logic low.
VIL (AC)
Low-level AC input voltage.
VIL (DC)
Low-level DC input voltage.
VIN
DC input voltage.
VOCM
Output common mode voltage: The common mode of the differential signal at the transmitter.
VOD
Output differential voltage swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the transmitter. VOD = VOH – VOL.
VOH
Voltage output high: The maximum positive voltage from an output that the device considers is
accepted as the minimum positive high level.
VOL
Voltage output low: The maximum positive voltage from an output that the device considers is
accepted as the maximum positive low level.
VOS
Output offset voltage: VOS = (VOH + VOL) / 2.
VOX (AC)
AC differential output cross point voltage: the voltage at which the differential output signals
must cross.
VREF
Reference voltage for the SSTL and HSTL I/O standards.
VREF (AC)
AC input reference voltage for the SSTL and HSTL I/O standards. VREF(AC) = VREF(DC) + noise. The
peak-to-peak AC noise on VREF must not exceed 2% of VREF(DC).
VREF (DC)
DC input reference voltage for the SSTL and HSTL I/O standards.
VSWING (AC)
AC differential input voltage: AC input differential voltage required for switching. For the SSTL
differential I/O standard, refer to Input Waveforms.
VSWING (DC)
DC differential input voltage: DC input differential voltage required for switching. For the SSTL
differential I/O standard, refer to Input Waveforms.
VTT
Termination voltage for the SSTL and HSTL I/O standards.
VX (AC)
AC differential input cross point voltage: The voltage at which the differential input signals must
cross.
W
——
X
——
Y
——
Z
——
Table 1–46. Glossary (Part 5 of 5)
Letter
Term
Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com