Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP4CE115F23I7N Datasheet(PDF) 25 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 25 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 21Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 22Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 23Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 24Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 25Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 26Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 27Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 28Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–25
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
tDLOCK
Time required to lock dynamically (after switchover,
reconfiguring any non-post-scale counters/delays or
areset
is deasserted)
——
1
ms
tOUTJITTER_PERIOD_DEDCLK (6)
Dedicated clock output period jitter
FOUT  100 MHz
——
300
ps
FOUT < 100 MHz
——30
mUI
tOUTJITTER_CCJ_DEDCLK (6)
Dedicated clock output cycle-to-cycle jitter
FOUT  100 MHz
——
300
ps
FOUT < 100 MHz
——30
mUI
tOUTJITTER_PERIOD_IO (6)
Regular I/O period jitter
FOUT  100 MHz
——
650
ps
FOUT < 100 MHz
——75
mUI
tOUTJITTER_CCJ_IO (6)
Regular I/O cycle-to-cycle jitter
FOUT  100 MHz
——
650
ps
FOUT < 100 MHz
——75
mUI
tPLL_PSERR
Accuracy of PLL phase shift
—
—
±50
ps
tARESET
Minimum pulse width on areset signal.
10
—
—
ns
tCONFIGPLL
Time required to reconfigure scan chains for PLLs
—
3.5 (7)
—
SCANCLK
cycles
fSCANCLK
scanclk
frequency
—
—
100
MHz
tCASC_OUTJITTER_PERIOD_DEDCLK
(8), (9)
Period jitter for dedicated clock output in cascaded
PLLs (FOUT  100 MHz)
——
425
ps
Period jitter for dedicated clock output in cascaded
PLLs (FOUT  100 MHz)
——
42.5
mUI
Notes to Table 1–25:
(1) This table is applicable for general purpose PLLs and multipurpose PLLs.
(2) You must connect VCCD_PLL to VCCINT through the decoupling capacitor and ferrite bead.
(3) This parameter is limited in the Quartus II software by the I/O maximum frequency. The maximum I/O frequency is different for each I/O
standard.
(4) The VCO frequency reported by the Quartus II software in the PLL Summary section of the compilation report takes into consideration the VCO
post-scale counter K value. Therefore, if the counter K has a value of 2, the frequency reported can be lower than the fVCO specification.
(5) A high input jitter directly affects the PLL output jitter. To have low PLL output clock jitter, you must provide a clean clock source that is less
than 200 ps.
(6) Peak-to-peak jitter with a probability level of 10–12 (14 sigma, 99.99999999974404% confidence level). The output jitter specification applies
to the intrinsic jitter of the PLL when an input jitter of 30 ps is applied.
(7) With 100-MHz scanclk frequency.
(8) The cascaded PLLs specification is applicable only with the following conditions:
■ Upstream PLL—0.59 MHz  Upstream PLL bandwidth < 1 MHz
■ Downstream PLL—Downstream PLL bandwidth > 2 MHz
(9) PLL cascading is not supported for transceiver applications.
Table 1–25. PLL Specifications for Cyclone IV Devices (1), (2) (Part 2 of 2)
Symbol
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com