| Electronic Components Datasheet Search |
|
LCMXO2-256ZE-1UMG64C Datasheet(PDF) 33 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LCMXO2-256ZE-1UMG64C Datasheet(HTML) 33 Page - Lattice Semiconductor |
|
33 / 106 page ![]() 2-29 Architecture MachXO2 Family Data Sheet Figure 2-21. I 2C Core Block Diagram Table 2-15 describes the signals interfacing with the I 2C cores. Table 2-15. I 2C Core Signal Description Hardened SPI IP Core Every MachXO2 device has a hard SPI IP core that can be configured as a SPI master or slave. When the IP core is configured as a master it will be able to control other SPI enabled chips connected to the SPI bus. When the core is configured as the slave, the device will be able to interface to an external SPI master. The SPI IP core on MachXO2 devices supports the following functions: • Configurable Master and Slave modes • Full-Duplex data transfer • Mode fault error flag with CPU interrupt capability • Double-buffered data register • Serial clock with programmable polarity and phase • LSB First or MSB First Data Transfer • Interface to custom logic through 8-bit WISHBONE interface Signal Name I/O Description i2c_scl Bi-directional Bi-directional clock line of the I 2C core. The signal is an output if the I2C core is in master mode. The signal is an input if the I 2C core is in slave mode. MUST be routed directly to the pre-assigned I/O of the chip. Refer to the Pinout Information section of this document for detailed pad and pin locations of I 2C ports in each MachXO2 device. i2c_sda Bi-directional Bi-directional data line of the I 2C core. The signal is an output when data is transmitted from the I 2C core. The signal is an input when data is received into the I2C core. MUST be routed directly to the pre-assigned I/O of the chip. Refer to the Pinout Information section of this document for detailed pad and pin locations of I 2C ports in each MachXO2 device. i2c_irqo Output Interrupt request output signal of the I 2C core. The intended usage of this signal is for it to be connected to the WISHBONE master controller (i.e. a microcontroller or state machine) and request an interrupt when a specific condition is met. These conditions are described with the I 2C register definitions. cfg_wake Output Wake-up signal – To be connected only to the power module of the MachXO2 device. The signal is enabled only if the “Wakeup Enable” feature has been set within the EFB GUI, I 2C Tab. cfg_stdby Output Stand-by signal – To be connected only to the power module of the MachXO2 device. The signal is enabled only if the “Wakeup Enable” feature has been set within the EFB GUI, I 2C Tab. EFB SCL SDA Configuration Logic Core Logic/ Routing Power Control I2C Registers EFB WISHBONE Interface Control Logic I2C Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |