Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-1UMG64C Datasheet(PDF) 19 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1UMG64C Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1UMG64C Datasheet HTML 15Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 16Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 17Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 18Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 19Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 20Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 21Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 22Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
2-15
Architecture
MachXO2 Family Data Sheet
PIO
The PIO contains three blocks: an input register block, output register block and tri-state register block. These
blocks contain registers for operating in a variety of modes along with the necessary clock and selection logic.
Table 2-8. PIO Signal List
Input Register Block
The input register blocks for the PIOs on all edges contain delay elements and registers that can be used to condi-
tion high-speed interface signals before they are passed to the device core. In addition to this functionality, the input
register blocks for the PIOs on the right edge include built-in logic to interface to DDR memory.
Figure 2-12 shows the input register block for the PIOs located on the left, top and bottom edges. Figure 2-13
shows the input register block for the PIOs on the right edge.
Left, Top, Bottom Edges
Input signals are fed from the sysIO buffer to the input register block (as signal D). If desired, the input signal can
bypass the register and delay elements and be used directly as a combinatorial signal (INDD), and a clock (INCK).
If an input delay is desired, users can select a fixed delay. I/Os on the bottom edge also have a dynamic delay,
DEL[4:0]. The delay, if selected, reduces input register hold time requirements when using a global clock. The input
block allows two modes of operation. In single data rate (SDR) the data is registered with the system clock (SCLK)
by one of the registers in the single data rate sync register block. In Generic DDR mode, two registers are used to
sample the data on the positive and negative edges of the system clock (SCLK) signal, creating two data streams.
Pin Name
I/O Type
Description
CE
Input
Clock Enable
D
Input
Pin input from sysIO buffer.
INDD
Output
Register bypassed input.
INCK
Output
Clock input
Q0
Output
DDR positive edge input
Q1
Output
Registered input/DDR negative edge input
D0
Input
Output signal from the core (SDR and DDR)
D1
Input
Output signal from the core (DDR)
TD
Input
Tri-state signal from the core
Q
Output
Data output signals to sysIO Buffer
TQ
Output
Tri-state output signals to sysIO Buffer
DQSR90
1
Input
DQS shift 90-degree read clock
DQSW90
1
Input
DQS shift 90-degree write clock
DDRCLKPOL
1
Input
DDR input register polarity control signal from DQS
SCLK
Input
System clock for input and output/tri-state blocks.
RST
Input
Local set reset signal
1. Available in PIO on right edge only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com