Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-1UMG64C Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1UMG64C Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1UMG64C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 14Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 15Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 16Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 17Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 18Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 19Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 20Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
2-13
Architecture
MachXO2 Family Data Sheet
For further information on the sysMEM EBR block, please refer to TN1201, Memory Usage Guide for MachXO2
Devices.
EBR Asynchronous Reset
EBR asynchronous reset or GSR (if used) can only be applied if all clock enables are low for a clock cycle before
the reset is applied and released a clock cycle after the reset is released, as shown in Figure 2-10. The GSR input
to the EBR is always asynchronous.
Figure 2-10. EBR Asynchronous Reset (Including GSR) Timing Diagram
If all clock enables remain enabled, the EBR asynchronous reset or GSR may only be applied and released after
the EBR read and write clock inputs are in a steady state condition for a minimum of 1/fMAX (EBR clock). The reset
release must adhere to the EBR synchronous reset setup time before the next active read or write clock edge.
If an EBR is pre-loaded during configuration, the GSR input must be disabled or the release of the GSR during
device wake up must occur before the release of the device I/Os becoming active.
These instructions apply to all EBR RAM, ROM and FIFO implementations. For the EBR FIFO mode, the GSR sig-
nal is always enabled and the WE and RE signals act like the clock enable signals in Figure 2-10. The reset timing
rules apply to the RPReset input versus the RE input and the RST input versus the WE and RE inputs. Both RST
and RPReset are always asynchronous EBR inputs. For more details refer to TN1201, Memory Usage Guide for
MachXO2 Devices.
Note that there are no reset restrictions if the EBR synchronous reset is used and the EBR GSR input is disabled.
Programmable I/O Cells (PIC)
The programmable logic associated with an I/O is called a PIO. The individual PIO are connected to their respec-
tive sysIO buffers and pads. On the MachXO2 devices, the PIO cells are assembled into groups of four PIO cells
called a Programmable I/O Cell or PIC. The PICs are placed on all four sides of the device.
On all the MachXO2 devices, two adjacent PIOs can be combined to provide a complementary output driver pair.
The MachXO2-640U, MachXO2-1200/U and higher density devices contain enhanced I/O capability. All PIO pairs
on these larger devices can implement differential receivers. Half of the PIO pairs on the top edge of these devices
can be configured as true LVDS transmit pairs. The PIO pairs on the bottom edge of these higher density devices
have on-chip differential termination and also provide PCI support.
Reset
Clock
Clock
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com