Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-1UMG64C Datasheet(PDF) 44 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1UMG64C Datasheet(HTML) 44 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1UMG64C Datasheet HTML 40Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 48Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
3-5
DC and Switching Characteristics
MachXO2 Family Data Sheet
Static Supply Current – HC/HE Devices
1, 2, 3, 6
Programming and Erase Flash Supply Current – ZE Devices
1, 2, 3, 4
Symbol
Parameter
Device
Typ.
4
Units
ICC
Core Power Supply
LCMXO2-256HC
1.15
mA
LCMXO2-640HC
1.84
mA
LCMXO2-640UHC
3.48
mA
LCMXO2-1200HC
3.49
mA
LCMXO2-1200UHC
4.80
mA
LCMXO2-2000HC
4.80
mA
LCMXO2-2000UHC
8.44
mA
LCMXO2-4000HC
8.45
mA
LCMXO2-7000HC
12.87
mA
LCMXO2-2000HE
1.39
mA
LCMXO2-4000HE
2.55
mA
LCMXO2-7000HE
4.06
mA
ICCIO
Bank Power Supply
5
VCCIO = 2.5V
All devices
0
mA
1. For further information on supply current, please refer to TN1198, Power Estimation and Management for MachXO2 Devices.
2. Assumes blank pattern with the following characteristics: all outputs are tri-stated, all inputs are configured as LVCMOS and held at VCCIO or
GND, on-chip oscillator is off, on-chip PLL is off.
3. Frequency = 0 MHz.
4. TJ = 25°C, power supplies at nominal voltage.
5. Does not include pull-up/pull-down.
6. To determine the MachXO2 peak start-up current data, use the Power Calculator tool.
Symbol
Parameter
Device
Typ.
5
Units
ICC
Core Power Supply
LCMXO2-256ZE
13
mA
LCMXO2-640ZE
14
mA
LCMXO2-1200ZE
15
mA
LCMXO2-2000ZE
17
mA
LCMXO2-4000ZE
18
mA
LCMXO2-7000ZE
20
mA
ICCIO
Bank Power Supply
6
All devices
0
mA
1. For further information on supply current, please refer to TN1198, Power Estimation and Management for MachXO2 Devices.
2. Assumes all inputs are held at VCCIO or GND and all outputs are tri-stated.
3. Typical user pattern.
4. JTAG programming is at 25 MHz.
5. TJ = 25°C, power supplies at nominal voltage.
6. Per bank. VCCIO = 2.5V. Does not include pull-up/pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com