Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-1UMG64C Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1UMG64C Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1UMG64C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 38Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 39Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
2-32
Architecture
MachXO2 Family Data Sheet
User Flash Memory (UFM)
MachXO2-640/U and higher density devices provide a User Flash Memory block, which can be used for a variety of
applications including storing a portion of the configuration image, initializing EBRs, to store PROM data or, as a
general purpose user Flash memory. The UFM block connects to the device core through the embedded function
block WISHBONE interface. Users can also access the UFM block through the JTAG, I
2C and SPI interfaces of the
device. The UFM block offers the following features:
• Non-volatile storage up to 256Kbits
• 100K write cycles
• Write access is performed page-wise; each page has 128 bits (16 bytes)
• Auto-increment addressing
• WISHBONE interface
For more information on the UFM, please refer to TN1205, Using User Flash Memory and Hardened Control Func-
tions in MachXO2 Devices.
Standby Mode and Power Saving Options
MachXO2 devices are available in three options for maximum flexibility: ZE, HC and HE devices. The ZE devices
have ultra low static and dynamic power consumption. These devices use a 1.2V core voltage that further reduces
power consumption. The HC and HE devices are designed to provide high performance. The HC devices have a
built-in voltage regulator to allow for 2.5V VCC and 3.3V VCC while the HE devices operate at 1.2V VCC.
MachXO2 devices have been designed with features that allow users to meet the static and dynamic power
requirements of their applications by controlling various device subsystems such as the bandgap, power-on-reset
circuitry, I/O bank controllers, power guard, on-chip oscillator, PLLs, etc. In order to maximize power savings,
MachXO2 devices support an ultra low power Stand-by mode. While most of these features are available in all
three device types, these features are mainly intended for use with MachXO2 ZE devices to manage power con-
sumption.
In the stand-by mode the MachXO2 devices are powered on and configured. Internal logic, I/Os and memories are
switched on and remain operational, as the user logic waits for an external input. The device enters this mode
when the standby input of the standby controller is toggled or when an appropriate I
2C or JTAG instruction is issued
by an external master. Various subsystems in the device such as the band gap, power-on-reset circuitry etc can be
configured such that they are automatically turned “off” or go into a low power consumption state to save power
when the device enters this state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com