Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5449EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-AD5449EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5449EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-AD5449EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 22 of 32
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD54xx family of DACs is
through a serial bus that uses standard protocol and is compatible
with microcontrollers and DSP processors. The communication
channel is a 3-wire interface consisting of a clock signal, a data
signal, and a synchronization signal. The AD5429/AD5439/
AD5449 require a 16-bit word, with the default being data valid
on the falling edge of SCLK; however, this is changeable using
the control bits in the data-word.
ADSP-21xx-to-AD5429/AD5439/AD5449 Interface
The ADSP-21xx family of DSPs is easily interfaced to an AD5429/
AD5439/AD5449 DAC without the need for extra glue logic.
Figure 48 is an example of a serial peripheral interface (SPI)
between the DAC and the ADSP-2191. The MOSI (master output,
slave input) pin of the DSP drives the serial data line, SDIN.
SYNC is driven from a port line, in this case SPIxSEL.
SCLK
SCK
SYNC
SPIxSEL
SDIN
MOSI
ADSP-2191*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5429/AD5439/
AD5449*
Figure 48. ADSP-2191 SPI-to-AD5429/AD5439/AD5449 Interface
The ADSP-2101/ADSP-2103/ADSP-2191 processor incorporates
channel synchronous serial ports (SPORT). A serial interface
between the DAC and DSP SPORT is shown in Figure 49. In this
interface example, SPORT0 is used to transfer data to the DAC
shift register. Transmission is initiated by writing a word to the Tx
register after SPORT has been enabled. In a write sequence, data
is clocked out on each rising edge of the DSP serial clock and
clocked into the DAC input shift register on the falling edge of
its SCLK. Updating of the DAC output takes place on the rising
edge of the SYNC signal.
SCLK
SCLK
SYNC
TFS
SDIN
DT
ADSP-2101/
ADSP-2103/
ADSP-2191
*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5429/AD5439/
AD5449*
Figure 49. ADSP-2101/ADSP-2103/ADSP-2191 SPORT-to-
AD5429/AD5439/AD5449 Interface
Communication between two devices at a given clock speed is
possible when the following specifications are compatible: frame
SYNC delay and frame SYNC setup-and-hold, data delay and
data setup-and-hold, and SCLK width. The DAC interface expects
a t4 (SYNC falling edge to SCLK falling edge setup time) of 13 ns
minimum.
See the ADSP-21xx user manual at www.analog.com for details
on clock and frame SYNC frequencies for the SPORT register.
shows the setup for the SPORT control register.
Table 12
Table 12. SPORT Control Register Setup
Name
Setting
Description
TFSW
1
Alternate framing
INVTFS
1
Active low frame signal
DTYPE
00
Right-justify data
ISCLK
1
Internal serial clock
TFSR
1
Frame every word
ITFS
1
Internal framing signal
SLEN
1111
16-bit data-word
ADSP-BF5xx-to-AD5429/AD5439/AD5449 Interface
The ADSP-BF5xx family of processors has an SPI-compatible port
that enables the processor to communicate with SPI-compatible
devices. A serial interface between the BlackFin® processor and
the AD5429/AD5439/AD5449 DAC is shown in Figure 50. In
this configuration, data is transferred through the MOSI pin.
SYNC is driven by the SPIxSEL pin, which is a reconfigured
programmable flag pin.
SCLK
SCK
SYNC
SPIxSEL
SDIN
MOSI
ADSP-BF5xx*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5429/AD5439/
AD5449*
Figure 50. ADSP-BF5xx-to-AD5429/AD5439/AD5449 Interface
A serial interface between the DAC and the DSP SPORT is shown
in Figure 51. When SPORT is enabled, initiate transmission by
writing a word to the Tx register. The data is clocked out on each
rising edge of the DSP serial clock and clocked into the DAC
input shift register on the falling edge of its SCLK. The DAC
output is updated by using the transmit frame synchronization
(TFS) line to provide a SYNC signal.
SCLK
SCLK
SYNC
TFS
SDIN
DT
ADSP-BF5xx*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5429/AD5439/
AD5449*
Figure 51. ADSP-BF5xx SPORT-to-AD5429/AD5439/AD5449 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com