Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5449EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # EVAL-AD5449EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5449EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button EVAL-AD5449EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 26Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 27Page - Analog Devices EVAL-AD5449EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 24 of 32
PCB LAYOUT AND POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5429/AD5439/AD5449 is mounted should be
designed so that the analog and digital sections are separate
and confined to certain areas of the board. If the DAC is in a
system where multiple devices require an AGND-to-DGND
connection, the connection should be made at one point only.
The star ground point should be established as close as possible
to the device.
The DAC should have ample supply bypassing of 10 μF in parallel
with 0.1 μF on the supply, located as close as possible to the
package, ideally right up against the device. The 0.1 μF capacitor
should have low effective series resistance (ESR) and low effective
series inductance (ESI), such as the common ceramic types of
capacitors that provide a low impedance path to ground at high
frequencies, to handle transient currents due to internal logic
switching. Low ESR, 1 μF to 10 μF tantalum or electrolytic
capacitors should also be applied at the supplies to minimize
transient disturbance and filter out low frequency ripple.
Components, such as clocks, that produce fast-switching signals,
should be shielded with digital ground to avoid radiating noise
to other parts of the board, and they should never be run near
the reference inputs.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
layout reduces the effects of feedthrough on the board. A micro-
strip technique is by far the best method, but its use is not always
possible with a double-sided board. In this technique, the compo-
nent side of the board is dedicated to the ground plane, and
signal traces are placed on the soldered side.
It is good practice to use compact, minimum lead-length PCB
layout design. Leads to the input should be as short as possible
to minimize IR drops and stray inductance.
The PCB metal traces between VREFx and RFBx should also be
matched to minimize gain error. To maximize high frequency
performance, the I-to-V amplifier should be located as close as
possible to the device.
EVALUATION BOARD FOR THE DAC
The evaluation board consists of an AD5429/AD5439/AD5449
DAC and a current-to-voltage amplifier, the AD8065. Included
on the evaluation board is a 10 V reference, the ADR01. An
external reference can also be applied via an SMB input.
The evaluation kit consists of a CD-ROM with self-installing
PC software to control the DAC. The software allows the user
to write a code to the device.
Power Supplies for the Evaluation Board
The board requires ±12 V and +5 V supplies. The +12 V VDD
and −12 V VSS are used to power the output amplifier; the +5 V
supply is used to power the DAC (VDD) and transceivers (VCC).
Both supplies are decoupled to their respective ground plane
with 10 μF tantalum and 0.1 μF ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com