Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM26480SQ-BF/NOPB Datasheet HTML 25Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 26Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 27Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 28Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 29Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 30Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 31Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 32Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Cin and Cout caps
should be placed very
close to VIN and GND
pads.
VIN, SW, VOUT,
GND, Cin and Cout
traces should be
thick and carry high
currents.
Route feedback network and traces away from switch
node and inductor to reduce noise injection from SW node
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Board Layout Considerations
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
ii the traces. These can send erroneous signals to the DC-DC converter IC, resulting in poor regulation or
instability. Poor layout can also result in re-flow problems leading to poor solder joints, which can result in erratic
or degraded performance.
Good layout for the LM26480 bucks can be implemented by following a few simple design rules, as illustrated in
Figure 32.
Figure 32. Board Layout Design Rules for the LM26480
1. Place the buck inductor and filter capacitors close together and make the trace short. The traces between
these components carry relatively high switching currents and act as antennas. Following this rule reduces
radiated noise. Place the capacitors and inductor close to the buck.
2. Arrange the components so that the switching current loops curl in the same direction. During the first halt of
each cycle, current flows from the input filter capacitor, through the buck and inductor to the output filter
capacitor and back through ground, forming a current loop. In the second half of each cycle, current is pulled
up from ground, through the buck by the inductor, to the output filter capacitor and then back through ground,
forming a second current loop. Routing these loops so the current curls in the same direction prevents
magnetic field reversal between the two half-cycles and reduces radiated noise.
3. Connect the ground pins of the buck, and filter capacitors together using generous component-side copper
fill as a pseudo-ground plane. Then connect this to the ground-plane (if one is used) with several vias. This
reduces ground—plane noise by preventing the switching currents from circulating through the ground plane.
it also reduces ground bounce at the buck by giving it a low-impedance ground connection.
4. Use wide traces between the power components and for power connections to the DC-DC converter circuit.
This reduces voltage errors caused by resistive losses across the traces
5. Rout noise sensitive traces, such as the voltage feedback path, away from noisy traces between the power
components. The voltage feedback trace must remain close to the buck circuit and should be routed directly
from FB to VOUT at the output capacitor and should be routed opposite to noise components. This reduces
EMI radiated onto the DC-DC converter’s own voltage feedback trace.
In mobile phones, for example, a common practice is to place the DC-DC converter on one corner of the board,
arrange the CMOS digital circuitry around it (since this also generates noise), and then place sensitive
preamplifiers and IF stages on the diagonally opposing corner. Often, the sensitive circuitry is shielded with a
metal pan and power to it is post-regulated to reduce conducted noise, using low-dropout linear regulators.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com