Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM26480SQ-BF/NOPB Datasheet HTML 3Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 4Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 5Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 6Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 9Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 10Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
General Electrical Characteristics
(1) (2) (3) (4) (5)
Unless otherwise noted, VIN = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
VINLDO12 Shutdown Current
VIN = 3.6V
0.5
µA
VPOR
Power-On Reset Threshold
VDD Falling Edge
(5)
1.9
V
TSD
Thermal Shutdown Threshold
(4)
160
°C
TSDH
Themal Shutdown Hysteresis
(4)
20
°C
Rising
2.9
V
UVLO
Under Voltage Lock Out
Failing
2.7
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is speficied. Operating Ratings do not imply ensure performance limits. For performance limits and
associated test conditions, see the Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Specified by design. Not production tested.
(5)
VPOR is voltage at which the EPROM resets. This is different from the UVLO on VINLDO12, which is the voltage at which the
regulators shut off; and is also different from the nPOR function, which signals if the regulators are in a specified range.
Low Drop Out Regulators, LDO1 and LDO2
Unless otherwise noted, VIN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40°C to
+125°C.
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Operational Voltage Range
VINLDO1 and VINLDO2 PMOS
1.74
5.5
V
pins (5)
VFB
FB Voltage Accuracy
−3
3
%
Line Regulation
VIN = (VOUT + 0.3V) to 5.0V
0.15
%/V
(6) Load Current = 1 mA
ΔVOUT
Load Regulation
VIN = 3.6V,
0.011
%/mA
Load Current = 1 mA to IMAX
ISC
Short Circuit Current Limit
LDO1-2, VOUT = 0V
500
mA
VIN – VOUT
Dropout Voltage
Load Current = 50 mA
25
200
mV
(7)
PSRR
Power Supply Ripple Rejection
F = 10 kHz, Load Current = IMAX
45
dB
θn
Supply Output Noise
10 Hz < F < 100 kHz
150
µVrms
Quiescent Current “On”
IOUT = 0 mA
40
150
µA
Iq
Quiescent Current “On”
IOUT = 300 mA
60
200
µA
Quiescent Current “Off”
EN is de-asserted
0.03
1
µA
TON
Turn On Time
Start up from shut-down
300
µsec
Capacitance for stability 0°C
≤ TJ
0.33
0.47
µF
≤ 125°C
COUT
Output Capacitor
−40°C ≤ TJ ≤ 125°C
0.68
1.0
µF
ESR (Equivalent Series
5
500
m
Ω
Resistance)
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
Pins 24, 19 can operate from VIN min of 1.74V to a VIN max of 5.5V. This rating is only for the series pass PMOS power FET. It allows
the system design to use a lower voltage rating if the input voltage comes from a buck output.
(6)
VIN minimum for line regulation values is 1.8V.
(7)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com