Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM26480SQ-BF/NOPB Datasheet HTML 4Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 5Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 6Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 9Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 10Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 11Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LM26480
SNVS543I – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Buck Converters SW1, SW2
Unless otherwise noted, VIN = 3.6V, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2 µH. Typical values and limits appearing in normal
type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C. (
(1) (2) (3) (4) (5) (6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
(6)
Feedback Voltage
−3
+3
%
2.8 < VIN < 5.5
Line Regulation
0.089
%/V
IO =10 mA
VOUT
Load Regulation
100 mA < IO < IMAX
0.0013
%/mA
Eff
Efficiency
Load Current = 250 mA
96
%
ISHDN
Shutdown Supply Current
EN is de-asserted
0.01
1
µA
Default oscillator frequency = 2.0
1.6
2.0
2.4
MHz
fOSC
Internal Oscillator Frequency
MHz
Default oscillator frequency = 2.1
1.7
2.1
2.5
MHz
Buck1 Peak Switching Current Limit
2.0
2.4
IPEAK
A
Buck2 Peak Switching Current Limit
2.0
2.4
No load PFM Mode
33
µA
Iq
Quiescent Current “On”
No load PWM Mode (Forced PWM)
2
mA
RDSON (P)
Pin-Pin Resistance PFET
200
400
m
Ω
RDSON (N)
Pin-Pin Resistance NFET
180
400
m
Ω
TON
Turn On Time
Start up from shut-down
500
µsec
CIN
Input Capacitor
Capacitance for stability
10
µF
CO
Output Capacitor
Capacitance for stability
10
µF
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are speficified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(6)
VIN ≥ VOUT + RDSON(P) (IOUT + 1/2 IRIPPLE). If these conditions are not met, voltage regulation will degrade as load increases.
I/O Electrical Characteristics
Unless otherwise noted: Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, TJ = −40°C to +125°C.
Limit
Symbol
Parameter
Conditions
Units
Min
Max
VIL
Input Low Level
0.4
V
VIH
Input High Level
0.7*VDD
V
Power On Reset Threshold/Function (POR)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Default = 60 mS
60
mS
nPOR = Power on reset for Buck1 and
nPOR
Buck2
Default = 130 µS
130
µS
VBUCK1 AND VBUCK2 rising
92
nPOR
Percentage of Target voltage Buck1 or
%
Threshold
Buck2
VBUCK1 OR VBUCK2 falling
82
VOL
Output Level Low
Load = IOL = 500 µA
0.23
0.5
V
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com