Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26480SQ-BF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM26480SQ-BF/NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-BF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM26480SQ-BF/NOPB Datasheet HTML 1Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 2Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 3Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 4Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 5Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 6Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-BF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
OSC
Logic
Control and
registers
GND_SW1
GND_SW2
CVDD
4.7 µF
BUCK1
BUCK2
LDO2
RESET
LDO2
GND_C
BIAS
Thermal
Shutdown
LSW 1 2.2 µH
VINLDO1
1
24
6
13
19
5
8
23
4
9
18
LDO1
LDO1
20
CLDO1
0.47 µF
VINLDO12
CLDO2
0.47 µF
LM26480 PMIC
15
SYNC
2
10
ENLDO1
17
ENLDO2
16
GND_L
ENSW1
ENSW2
12
7
1.8V
1.2V
3.3V
3.3V
VINLDO2
AVDD
AVDD
10 µF
10 µF
1 µF
1 µF
1 µF
1 µF
Power On
Reset
nPOR
VDD
FB1
FB2
3
CSW1
10 µF
R1
R2
C1
C2
SW1
FB1
VBUCK1
LSW 2 2.2 µH
14
11
CSW2
10 µF
R1
R2
C1
C2
SW2
FB2
VBUCK2
R1
R2
R1
R2
21
22
FBL1
FBL2
100k
Power
ON-
OFF
Logic
Input
Voltage
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Figure 1. Application Circuit
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com