Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS49FG Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 33Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 37Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 38Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Page 256
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
TMP86FS49FG
22.2 Recommended Operating Conditions
The recommended operating conditions for a device are operating conditions under which it can be guaranteed that
the device will operate as specified. If the device is used under operating conditions other than the recommended
operating conditions (supply voltage, operating temperature range, specified AC/DC values etc.), malfunction may
occur. Thus, when designing products which include this device, ensure that the recommended operating conditions
for the device are always adhered to.
22.2.1 MCU mode (Flash Programming or erasing)
22.2.2 MCU mode (Except Flash Programming or erasing)
Note 1: The Supply voltage (VDD) is divided into two different voltage areas. Do not change VDD from Condition 1 to Condi-
tion 2 and vice versa while the MCU is operationg. If you wish to use VDD in a continuous range of 3.0V to
5.5V without stopping the MCU, please contact your local Toshiba office.
(VSS = 0 V, Topr = -10 to 40°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
VDD
NORMAL1, 2 modes
4.5
5.5
V
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Except hysteresis input
VDD × 0.25
Clock frequency
fc
XIN, XOUT
1.0
16.0
MHz
(VSS = 0 V, Topr = -40 to 85°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
(Condition 1)
VDD
fc = 16 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
4.5
5.5
V
fs = 32.768 KHz
SLOW1, 2 modes
SLEEP0, 1, 2 modes
STOP mode
Supply voltage
(Condition 2)
fc = 8 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
3.0
3.6
fs = 32.768 KHz
SLOW1, 2 modes
SLEEP0, 1, 2 modes
STOP mode
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 3.0 to 3.6 V, 4.5 to 5.5V
1.0
8.0
MHz
fc
XIN, XOUT
VDD = 4.5 to 5.5 V
1.0
16.0
fs
XTIN, XTOUT
VDD = 3.0 to 3.6 V, 4.5 to 5.5V
30.0
34.0
kHz
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com