Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS49FG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Page 24
2. Operational Description
2.2 System Clock Controller
TMP86FS49FG
2.2.4.3 IDLE0 and SLEEP0 modes (IDLE0, SLEEP0)
IDLE0 and SLEEP0 modes are controlled by the system control register 2 (SYSCR2) and the time base
timer control register (TBTCR). The following status is maintained during IDLE0 and SLEEP0 modes.
1. Timing generator stops feeding clock to peripherals except TBT.
2. The data memory, CPU registers, program status word and port output latches are all held in the
status in effect before IDLE0 and SLEEP0 modes were entered.
3. The program counter holds the address 2 ahead of the instruction which starts IDLE0 and
SLEEP0 modes.
Note: Before starting IDLE0 or SLEEP0 mode, be sure to stop (Disable) peripherals.
Figure 2-12 IDLE0 and SLEEP0 Modes
(1) Start the IDLE0 and SLEEP0 modes
Stop (Disable) peripherals such as a timer counter.
Yes
(Normal release mode)
Yes (Interrupt release mode)
No
Yes
Reset input
CPU and WDT are halted
Starting IDLE0 and SLEEP0
modes by instruction
Reset
TBT
source clock
falling
edge
TBTCR<TBTEN>
= "1"
Interrupt processing
Execution of the
instruction which follows
the IDLE0 and SLEEP0
modes start instruction
IMF = "1"
Yes
TBT interrupt
enable
No
No
No
No
Stopping peripherals
by instruction
Yes
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com