Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM18HB331SN1D Datasheet(PDF) 45 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 45 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
56
Thin 0603 size for general signal lines.
BLM18TSeries (0603 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
Refer to pages from p.91 to p.94 for mounting information.
BLM18T
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18TG121TN1p
120ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM18TG221TN1p
220ohm
±25%
200mA
0.30ohm max.
-55
°C to +125°C
BLM18TG601TN1p
600ohm
±25%
200mA
0.45ohm max.
-55
°C to +125°C
BLM18TG102TN1p
1000ohm
±25%
100mA
0.60ohm max.
-55
°C to +125°C
Number of Circuits: 1
1.6
±0.15
0.8
±0.15
0.4
±0.2
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
BLM18TG102TN1
BLM18TG601TN1
BLM18TG221TN1
BLM18TG121TN1
1200
0
800
400
1000
600
200
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
150
120
90
60
30
0
BLM18TG121TN1
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
300
250
200
150
100
50
0
BLM18TG221TN1
1
10
100
1000
3000
Frequency (MHz)
X
800
0
600
400
200
Z
R
BLM18TG601TN1
1
10
100
1000
3000
Frequency (MHz)
X
1200
1000
800
600
400
200
0
Z
R
BLM18TG102TN1
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com