Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM18HB331SN1D Datasheet(PDF) 47 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 47 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
58
s Impedance-Frequency Characteristics (Main Items)
s Impedance-Frequency Characteristics
BLM03BB100SN1
BLM03BB220SN1
BLM03BB470SN1
BLM03BB750SN1
BLM03BD750SN1
BLM03BB121SN1
BLM03BD121SN1
BLM03BD241SN1
BLM03BC330SN1
BLM03BC560SN1
BLM03BC800SN1
BLM03BD471SN1
BLM03BD601SN1
BLM03BC Series
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM03B Series (0201 Size)
BLM03B
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
20
40
60
80
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
50
100
150
200
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
100
200
300
400
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
150
300
450
600
1
10
100
1000
3000
Frequency (MHz)
50
0
150
200
100
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
0
200
400
600
800
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
60
120
180
240
300
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
400
500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
600
500
400
300
200
100
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
300
600
900
1200
1500
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
R
X
Frequency (MHz)
1
10
100
1000
3000
0
300
600
900
1200
1500
BLM03BC560SN1
BLM03BC330SN1
BLM03BC800SN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com