Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM18HB331SN1D Datasheet(PDF) 74 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 74 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
85
4-lines array, 0804 size.
BLA2AA/BLA2ABSeries (0804 Size)
BLA Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
BLA2AAG Series
Refer to pages from p.91 to p.94 for mounting information.
BLA2AA/BLA2AB
BLA2ABD Series
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLA2AAG121SN4p
120ohm
±25%
100mA
0.50ohm max.
-55
°C to +125°C
BLA2AAG221SN4p
220ohm
±25%
50mA
0.70ohm max.
-55
°C to +125°C
BLA2AAG601SN4p
600ohm
±25%
50mA
1.10ohm max.
-55
°C to +125°C
BLA2AAG102SN4p
1000ohm
±25%
50mA
1.30ohm max.
-55
°C to +125°C
BLA2ABB100SN4p
10ohm
±25%
200mA
0.1ohm max.
-55
°C to +125°C
BLA2ABB220SN4p
22ohm
±25%
200mA
0.2ohm max.
-55
°C to +125°C
BLA2ABB470SN4p
47ohm
±25%
200mA
0.35ohm max.
-55
°C to +125°C
BLA2ABB121SN4p
120ohm
±25%
50mA
0.60ohm max.
-55
°C to +125°C
BLA2ABB221SN4p
220ohm
±25%
50mA
0.90ohm max.
-55
°C to +125°C
BLA2ABD750SN4p
75ohm
±25%
200mA
0.20ohm max.
-55
°C to +125°C
BLA2ABD121SN4p
120ohm
±25%
200mA
0.35ohm max.
-55
°C to +125°C
BLA2ABD221SN4p
220ohm
±25%
100mA
0.40ohm max.
-55
°C to +125°C
BLA2ABD471SN4p
470ohm
±25%
100mA
0.65ohm max.
-55
°C to +125°C
BLA2ABD601SN4p
600ohm
±25%
100mA
0.80ohm max.
-55
°C to +125°C
BLA2ABD102SN4p
1000ohm
±25%
50mA
1.00ohm max.
-55
°C to +125°C
Number of Circuits: 4
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
2.0
±0.2
0.25
±0.15
0.5
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLA2AAG601SN
BLA2AAG102SN4
BLA2AAG221SN4
BLA2AAG121SN4
No polarity.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Frequency (MHz)
1
10
100
1000
3000
1600
1200
800
400
0
BLA2ABD102SN4
BLA2ABD601SN4
BLA2ABD471SN4
BLA2ABD221SN4
BLA2ABD121SN4
BLA2ABD750SN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com