Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM18HB331SN1D Datasheet(PDF) 73 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 73 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
84
Available up to high-GHz band noise.
BLM18GSeries (0603 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
BLM18GG471SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM18G
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18GG471SN1p
470ohm
±25%
1800ohm
±30%
200mA
1.0ohm
±0.3ohm
-55
°C to +125°C
Number of Circuits: 1
0.35
±0.15
1.6
±0.1
0.8
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
BLM18GG471SN1
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
X
Z
R
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com