Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM18HB331SN1D Datasheet(PDF) 82 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 82 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
93
oFlow Soldering profile
( Sn-3.0Ag-0.5Cu Solder)
BLM (Except BLM02/03/15/18G)
BLA31
Series
Pre-heating
Standard Profile
Limit Profile
Heating
Temp. (T1)
Temp. (T2)
Time. (t1)
150
°C
60s min.
250
°C
4 to 6s
2 times
max.
5s max.
2 times
max.
265
±3°C
Time. (t2)
Heating
Cycle
of Flow
Temp. (T3)
Time. (t2)
Cycle
of Flow
T1
T3
T2
Pre-heating
Time (s)
t2
Heating
Limit Profile
Standard Profile
t1
(2) Soldering Profile
oReflow Soldering Profile
(Sn-3.0Ag-0.5Cu Solder)
BLM
BLA
Series
Standard Profile
Limit Profile
Temp. (T1)
Time. (t1)
Heating
220
°C min. 30 to 60s
245
±3°C
2 times
max.
230
°C min.
260
°C/10s
2 times
max.
60s max.
Cycle
of Reflow
Peak
Temperature
(T2)
Temp. (T3)
Time. (t2)
Heating
Cycle
of Reflow
Peak
Temperature
(T4)
150
180
T2
T4
T3
T1
90s
±30s
Time (s)
t2
t1
Limit Profile
Standard Profile
Pre-heating
BLp Chip Ferrite Bead
Soldering and Mounting
3. Standard Soldering Conditions
(1) Soldering Methods
Use flow and reflow soldering methods only.
Use standard soldering conditions when soldering chip
ferrite beads.
In cases where several different parts are soldered, each
having different soldering conditions, use those
conditions requiring the least heat and minimum time.
Solder: Use Sn-3.0Ag-0.5Cu solder. Use of Sn-Zn based
solder will deteriorate performance of products.
If using BLA series with Sn-Zn based solder,
please contact Murata in advance.
Flux:
o Use Rosin-based flux.
In case of using RA type solder, products should be
cleaned completely with no residual flux.
o Do not use strong acidic flux (with chlorine content
exceeding 0.20wt%)
o Do not use water-soluble flux.
For additional mounting methods, please contact Murata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com