Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XA-I/ST Datasheet(PDF) 21 Page - Microchip Technology

Part # MRF49XA-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/ST Datasheet(HTML) 21 Page - Microchip Technology

Back Button MRF49XA-I/ST Datasheet HTML 17Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 18Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 19Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 20Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 21Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 22Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 23Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 24Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 21
MRF49XA
REGISTER 2-2:
GENCREG: GENERAL CONFIGURATION REGISTER (POR: 0x8008)
W-1
W-0
W-0
W-0
W-0
W-0
W-0
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-0
W-0
W-0
W-1
W-0
W-0
W-0
TXDEN
FIFOEN
FBS<1:0>
LCS<3:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (10000000b) are serially sent to the microcontroller to identify the bits to be
written in the GENCREG.
bit 7
TXDEN: TX Data Register Enable bit
1 = Internal TX Data register enabled(1)
0 = Internal TX Data register disabled; no transmit
bit 6
FIFOEN: FIFO Enable bit
1 = Internal data FIFO enabled; the FIFO is used to store data during receive(2)
0 = FIFO disabled; FSK/DATA/FSEL and RCLKOUT/FCAP/FINT are used to receive data
bit 5-4
FBS<1:0>: Frequency Band Select bits
These bits set the frequency band to be used in Sub-GHz range.
11 = 915 MHz
10 = 868 MHz
01 = 433 MHz
00 = Reserved
bit 3-0
LCS<3:0>: Load Capacitance Select bits
These bits set and vary the internal load capacitance for the crystal reference.
1111 = 16.0 pF
1110 = 15.5 pF
1101 = 15.0 pF
1100 = 14.5 pF
1011 = 14.0 pF
1010 = 13.5 pF
1001 = 13.0 pF
1000 = 12.5 pF
0111 = 12.0 pF
0110 = 11.5 pF
0101 = 11.0 pF
0100 = 10.5 pF
0011 = 10.0 pF
0010 = 9.5 pF
0001 = 9.0 pF
0000 = 8.5 pF
Note 1: If the internal TX data register is used, the DATA/FSK/FSEL pin must be pulled “high”.
2: If the data FIFO is used, the DATA/FSK/FSEL pin must be pulled “low”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com