Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XA-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MRF49XA-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MRF49XA-I/ST Datasheet HTML 15Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 16Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 17Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 18Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 19Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 20Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 21Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 22Page - Microchip Technology MRF49XA-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 19
MRF49XA
2.17
Control (Command) Register Details
REGISTER 2-1:
STSREG: STATUS READ REGISTER (POR: 0x0000)(1)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TXRXFIFO
POR
TXOWRXOF
WUTINT
LCEXINT
LBTD
FIFOEM
ATRSSI
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DQDO
CLKRL
AFCCT
OFFSV
OFFSB<3:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TXRXFIFO: Transmit Register or Receive FIFO bit
Transmit mode: Transmit Register Ready bit(2)
Indicates whether the transmit register is ready to receive the next byte for transmission.
1 = Ready(5)
0 = Not ready
Receive mode: Receive FIFO Fill (Interrupt) bit(2,3)
Indicates whether the RX FIFO has reached the preprogrammed limit.
1 = Reached the preprogrammed limit(5)
0 = Programming limit has not been reached
bit 14
POR: Power-on Reset bit
1 = POR has occurred(5)
0 = POR has not occured
bit 13
TXOWRXOF: Transmit Overwrite Receive Overflow bit
Transmit mode: Transmit Register Underrun or Overwrite bit
1 = Underrun or overwrite(5)
0 = Operating normally
Receive mode: Receive FIFO Overflow bit
1 = FIFO overflow(5)
0 = Operating normally
bit 12
WUTINT: Wake-up Timer (Interrupt) Overflow bit
1 = Timer overflow has occurred(5)
0 = Operating normally
bit 11
LCEXINT: Logic Change on External Interrupt bit
Indicates a high-to-low logic level change on external interrupt pin (INT/DIO)(5).
1 = High-to-low transition has occurred
0 = High-to-low transition has not occured
Note 1:
All register commands begin with logic ‘1’ and only the STATUS register read command begins with logic ‘0’.
2: This bit is multiplexed for Transmit or Receive mode.
3: See the FFBC bits (FIFORSTREG<3:0>) in Register 2-10.
4: To get accurate values, the AFC should be disabled during the read by clearing the FOFEN bit
(AFCCREG<0>). The AFC offset value (OFFSB bits in the status word) is represented as a two’s
complement number. The actual frequency offset can be calculated as the AFC offset value multiplied by
the current PLL frequency step from CFSREG (FREQB<11:0>).
5: This bit is cleared after STSREG is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com